Electronic Components Datasheet Search
  English  ▼

X  

M301271 Datasheet(PDF) 1 Page - E-SWITCH

Part # M301271
Description  TERM. NOS. FOR REF. ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M301271 Datasheet(HTML) 1 Page - E-SWITCH

  M301271 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1966ABLKBLKEFBLU
2:1
6/13/2011
M301271
A
BGL
1
1
1
3
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 15A @125VAC;
8A @250VAC.
5. LAMP COLOR: BLUE
6. MATERIAL:
CONTACT SURFACE: COIN SILVER, SILVER PLATED.
TERMINAL: COPPER ALLOY W/SILVER PLATE
7. ELECTRICAL LIFE: 10,000 CYCLES
8. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
9. DIELECTRIC STRENGTH: >1,500V AC 1 MIN
10.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (RoHS) COMPLIANT.
A
19996
RELEASE FOR PRODUCTION
6/13/11
BGL
13.00 +0.1
1.25-2.00
0.75-1.25
2.00-3.00
PANEL THICKNESS
19.5-19.6
19.3-19.4
19.2-19.3
X
X
13.00 +0.1
1.25-2.00
RECOMMENDED PANEL MOUNTING
0.75-1.25
2.00-3.00
PANEL THICKNESS
19.5-19.6
19.3-19.4
19.2-19.3
X
X
POS. 1
POS. 3
SWITCH FUNCTION
OFF
ON
OPEN
1a-1
ACTUATOR COLOR
BLACK
1
1a
CURCUIT: SPST
BLUE
3.80
[.150 in]
LED SPECS
UNITS
BLUE
FORWARD CURRENT
mA
20
FORWARD VOLTAGE
V
3.1 TO 3.4
LUMINOUS INTENSITY
mcd
85 typ.
14.80
[.583 in]
20.80
[.819 in]
7.00
[.276 in]
.80
[.031 in]
18.50
[.728 in]
17.10
[.673 in]
6.60
[.260 in]
4.75
[.187 in]
2.00
[.079 in]
9.58
[.377 in]
15.79
[.622 in]
14.00
[.551 in]
LED LEADS
1a
1


Similar Part No. - M301271

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M301270 E-SWITCH-M301270 Datasheet
171Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M301272 E-SWITCH-M301272 Datasheet
174Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M301273 E-SWITCH-M301273 Datasheet
251Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - M301271

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL6200ABF300QG E-SWITCH-TL6200ABF300QG Datasheet
121Kb / 1P
TERM. NOS. FOR REF ONLY
M301240 E-SWITCH-M301240 Datasheet
103Kb / 1P
TERM. NOS. FOR REF. ONLY
M301241 E-SWITCH-M301241 Datasheet
105Kb / 1P
TERM. NOS. FOR REF. ONLY
M301252 E-SWITCH-M301252 Datasheet
66Kb / 1P
TERM. NOS. FOR REF. ONLY
M301254 E-SWITCH-M301254 Datasheet
183Kb / 1P
TERM. NOS. FOR REF. ONLY
M302420 E-SWITCH-M302420 Datasheet
196Kb / 1P
TERM. NOS. FOR REF. ONLY
M302424 E-SWITCH-M302424 Datasheet
108Kb / 1P
TERM. NOS. FOR REF. ONLY
M302427 E-SWITCH-M302427 Datasheet
98Kb / 1P
TERM. NOS. FOR REF. ONLY
M302429 E-SWITCH-M302429 Datasheet
98Kb / 1P
TERM. NOS. FOR REF. ONLY
M309324 E-SWITCH-M309324 Datasheet
104Kb / 1P
TERM. NOS. FOR REF. ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com