Electronic Components Datasheet Search
  English  ▼

X  

2N5564 Datasheet(PDF) 1 Page - Micross Components

Part # 2N5564
Description  Linear Systems replaces discontinued Siliconix & National
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

2N5564 Datasheet(HTML) 1 Page - Micross Components

  2N5564 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Demo (http://www.verypdf.com)
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
Improved Direct Replacement for SILICONIX & NATIONAL 2N5564 
HIGH GAIN 
7500µmho MINIMUM 
LOW “ON” RESISTANCE 
100Ω MAXIMUM 
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +125°C 
Maximum Power Dissipation 
Device Dissipation (Each transistor) 
325mW 
Continuous Power Dissipation (Total) 
650mW 
Maximum Currents 
Gate Current 
50mA 
Maximum Voltages 
Gate to Drain ‐40V 
Gate to Source ‐40V 
Gate to Gate 
±80V 
  
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VGS1 – VGS2 | 
Differential Gate to Source Cutoff Voltage 
‐‐ 
‐‐ 
5 
mV 
VDG = 15V, ID = 2mA           
∆|VGS1 – VGS2 | / ∆T 
 
Differential Gate to Source Cutoff  
Voltage Change with Temperature 
‐‐ 
‐‐ 
10 
µV/°C 
VDG = 15V, ID = 2mA      
TA = ‐55°C to +125°C 
IDSS1  / IDSS2 
 
Gate to Source Saturation Current Ratio 
0.95 
‐‐ 
1 
% 
VDS = 10V, VGS = 0V 
|IG1 – IG2 | 
Differential Gate Current 
‐‐ 
‐‐ 
20 
nA 
VDG = 10V, ID = 5mA      
TA = +125°C  
gfs1 / gfs2 
 
Forward Transconductance Ratio
2 
0.95 
‐‐ 
1 
% 
VDS = 15V, ID = 2mA, f = 1kHz 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐40 
‐‐ 
 
 
V 
 
IG = ‐1µA, VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐0.5 
‐‐ 
‐3 
VDS = 15V, ID = 1nA 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
‐‐ 
1 
IG =  2mA, VDS = 0V 
IDSS 
Gate to Source Saturation Current
3 
5 
‐‐ 
30 
mA 
VDS = 15V, VGS = 0V 
IGSS 
Gate Leakage Current
3 
‐‐ 
‐‐ 
‐200 
nA 
VGS = ‐20V, VDS = 0V, 150°C 
gfs 
Forward Transconductance 
7500 
‐‐ 
12500  
µS 
 
VDG = 15V, ID= 2mA, f = 1kHz 
7000 
‐‐ 
‐‐ 
VDG = 15V, ID= 2mA, f = 100MHz 
gos 
Output Conductance 
‐‐ 
‐‐ 
45 
VDG = 15V, ID= 2mA, f = 1kHz 
CISS 
Input Capacitance 
‐‐ 
‐‐ 
5 
pF 
 
VDG = 15V, ID= 2mA, f = 100MHz 
CRSS 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
12 
NF 
Noise Figure 
‐‐ 
‐‐ 
1 
dB 
VDG = 15V, ID = 2mA, f = 10Hz, RG = 1MΩ 
_ 
en 
Equivalent Input Noise Voltage 
‐‐ 
 
‐‐ 
 
50 
 
nV/√Hz 
VDG = 15V, ID = 2mA, f = 10Hz 
 
Notes: 1. Absolute Maximum ratings are limiting values above which serviceability may be impaired      2. Pulse Test: PW ≤ 300µs Duty Cycle ≤ 3%
3. Assumes smaller value in numerator 
 
 
2N5564
MONOLITHIC DUAL
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix & National 2N5564
2N5564 Applications:
Wideband Differential Amps
High-Speed,Temp-Compensated Single-
Ended Input Amps
High-Speed Comparators
Impedance Converters and vibrations
detectors.
The 2N5564 are monolithic dual JFETS. The monolithic
dual chip design reduces parasitics and gives better
performance at very high frequencies while ensuring
extremely tight matching. These devices are an
excellent choice for use as wideband differential
amplifiers in demanding test and measurement
applications. The 2N5564 is a direct replacement for
discontinued Siliconix and National 2N5564.
The hermetically sealed TO-71 is well suited for military
and harsh environment applications.
(See Packaging Information).
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
TO-71 (Top View)
Available Packages:
2N5564 in TO-71
2N5564 available as bare die
This is trial version
If you want get full version, please register it, thank you.
www.verypdf.com
Demo (http://www.verypdf.com)
Demo (http://www.verypdf.com)


Similar Part No. - 2N5564

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5564 VISHAY-2N5564 Datasheet
48Kb / 5P
Matched N-Channel JFET Pairs
04-Jun-01
logo
New Jersey Semi-Conduct...
2N5564 NJSEMI-2N5564 Datasheet
268Kb / 2P
MATCHED N-CHANNEL JFET PAIRS
logo
Vishay Siliconix
2N5564-E3 VISHAY-2N5564-E3 Datasheet
94Kb / 6P
Matched N-Channel JFET Pairs
24-Jan-05
More results

Similar Description - 2N5564

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5911 MICROSS-2N5911 Datasheet
280Kb / 1P
Linear Systems replaces discontinued Siliconix & National
2N5912 MICROSS-2N5912 Datasheet
280Kb / 1P
Linear Systems replaces discontinued Siliconix & National
2N5912C MICROSS-2N5912C Datasheet
281Kb / 1P
Linear Systems replaces discontinued Siliconix & National
SST5911 MICROSS-SST5911 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix & National SST5911
SST5912 MICROSS-SST5912 Datasheet
284Kb / 1P
Linear Systems replaces discontinued Siliconix & National SST5912
SST5912C MICROSS-SST5912C Datasheet
284Kb / 1P
Linear Systems replaces discontinued Siliconix / National SST5912C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com