Electronic Components Datasheet Search
  English  ▼

X  

M302427 Datasheet(PDF) 1 Page - E-SWITCH

Part # M302427
Description  TERM. NOS. FOR REF. ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M302427 Datasheet(HTML) 1 Page - E-SWITCH

  M302427 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1966FBLKBLKAR
1.5:1
12/7/2006
M302427
B
TN
1
1
PC MOUNTING
12.60
[.496 in]
18.50
[.728 in]
14.00
[.551 in]
2.00
[.079 in]
9.80
[.386 in]
20.80
[.819 in]
14.80
[.583 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 15A @125VAC;
8A @250VAC.
5. LAMP VOLTAGE: NO LAMP
6. MATERIAL:
CONTACT SURFACE:SILVER ALLOY
TERMINAL: COPPER ALLOY w/SILVER PLATE
7. ELECTRICAL LIFE: 10,000 CYCLES
8. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
9. DIELECTRIC STRENGTH: >1,500V AC 1 MIN
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
A
15540
RELESED FOR PRODUCTION
11/17/05
PH
PANEL THICKNESS
X
0.75-1.25
1.25-2.00
2.00-3.00
19.20-19.30
19.30-19.40
19.50-19.60
RECOMMENDED PANEL MOUNTING
X
12.85
`.05
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
(ON)
OFF
(1a-1)
N/A
OPEN
MOMENTARY=(ON)
HOUSING COLOR
BLACK
2.25
[.089 in]
4.25
[.167 in]
BLACK
ACTUATOR
n1.85
[.073 in]
7.00
[.276 in]
CIRCUIT: SPST
1
1a
3
1
16.00
[.630 in]
5.55
[.219 in]
B
16741
UPDATED DRAWING
12/7/2006
TN
12.00
[.472 in]
1.20
[.047 in]
7.00
[.276 in]
.80
[.031 in]


Similar Part No. - M302427

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M302420 E-SWITCH-M302420 Datasheet
196Kb / 1P
TERM. NOS. FOR REF. ONLY
M302421 E-SWITCH-M302421 Datasheet
150Kb / 1P
All Dimension In MM
M302422 E-SWITCH-M302422 Datasheet
101Kb / 1P
TERM. NOS. FOR REF. ONLY
M302423 E-SWITCH-M302423 Datasheet
108Kb / 1P
All Dimension In MM
M302424 E-SWITCH-M302424 Datasheet
108Kb / 1P
TERM. NOS. FOR REF. ONLY
More results

Similar Description - M302427

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL6200ABF300QG E-SWITCH-TL6200ABF300QG Datasheet
121Kb / 1P
TERM. NOS. FOR REF ONLY
M301240 E-SWITCH-M301240 Datasheet
103Kb / 1P
TERM. NOS. FOR REF. ONLY
M301241 E-SWITCH-M301241 Datasheet
105Kb / 1P
TERM. NOS. FOR REF. ONLY
M301252 E-SWITCH-M301252 Datasheet
66Kb / 1P
TERM. NOS. FOR REF. ONLY
M301254 E-SWITCH-M301254 Datasheet
183Kb / 1P
TERM. NOS. FOR REF. ONLY
M301271 E-SWITCH-M301271 Datasheet
109Kb / 1P
TERM. NOS. FOR REF. ONLY
M302420 E-SWITCH-M302420 Datasheet
196Kb / 1P
TERM. NOS. FOR REF. ONLY
M302424 E-SWITCH-M302424 Datasheet
108Kb / 1P
TERM. NOS. FOR REF. ONLY
M302429 E-SWITCH-M302429 Datasheet
98Kb / 1P
TERM. NOS. FOR REF. ONLY
M309324 E-SWITCH-M309324 Datasheet
104Kb / 1P
TERM. NOS. FOR REF. ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com