Electronic Components Datasheet Search
  English  ▼

X  

CMPT3904E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT3904E
Description  ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT3904E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT3904E Datasheet HTML 1Page - Central Semiconductor Corp CMPT3904E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT3904E NPN
CMPT3906E PNP
ENHANCED SPECIFICATION
SURFACE MOUNT COMPLEMENTARY
SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT3904E and
CMPT3906E are Enhanced versions of the CMPT3904
and CMPT3906 complementary switching transistors in
a SOT-23 surface mount package, designed for small
signal switching applications, interface circuit & driver
circuit applications.
MARKING CODE: CMPT3904E: C1AE
CMPT3906E: C2AE
ENHANCED SPECIFICATIONS:
♦ BVCBO from 40V min to 60V min. (CMPT3906E)
♦ BVEBO from 5.0V min to 6.0V min. (CMPT3906E)
♦ VCE(SAT) from 0.3V max to 0.2V max. (CMPT3904E)
from 0.4V max to 0.2V max. (CMPT3906E)
♦ hFE from 60 min to 70 min. (CMPT3904E) (CMPT3906E)
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPT3904E
CMPT3906E
SYMBOL
TEST CONDITIONS
MIN
TYP
TYP
MAX
UNITS
ICEV
VCE=30V, VEB=3.0V
50
nA
BVCBO
IC=10µA
60
115
90
V
BVCEO
IC=1.0mA
40
60
55
V
BVEBO
IE=10µA
6.0
7.5
7.9
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.057
0.050
0.100
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.100
0.100
0.200
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.65
0.75
0.75
0.85
V
VBE(SAT)
IC=50mA, IB=5.0mA
0.85
0.85
0.95
V
hFE
VCE=1.0V, IC=0.1mA
90
240
130
hFE
VCE=1.0V, IC=1.0mA
100
235
150
hFE
VCE=1.0V, IC=10mA
100
215
150
300
hFE
VCE=1.0V, IC=50mA
70
110
120
hFE
VCE=1.0V, IC=100mA
30
50
55
♦
♦ Enhanced specification
♦
♦
♦
♦
♦
♦
♦
♦
SOT-23 CASE
R3 (1-February 2010)
www.centr a lsemi.com


Similar Part No. - CMPT3904E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT3904E CENTRAL-CMPT3904E Datasheet
336Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E_10 Datasheet
336Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E_15 Datasheet
336Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMPT3904E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT5087E CENTRAL-CMPT5087E Datasheet
132Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E Datasheet
124Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMUT5087E CENTRAL-CMUT5087E Datasheet
97Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CET3904E CENTRAL-CET3904E_10 Datasheet
370Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMBT3904E CENTRAL-CMBT3904E_10 Datasheet
358Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMLT3904E CENTRAL-CMLT3904E_10 Datasheet
523Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMNT3904E CENTRAL-CMNT3904E_10 Datasheet
369Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR
CMPT3904E CENTRAL-CMPT3904E_10 Datasheet
336Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E_10 Datasheet
335Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMUT5087E CENTRAL-CMUT5087E_10 Datasheet
355Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com