Electronic Components Datasheet Search
  English  ▼

X  

2SH22 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SH22
Description  Silicon N-Channel IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SH22 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SH22 Datasheet HTML 1Page - Hitachi Semiconductor 2SH22 Datasheet HTML 2Page - Hitachi Semiconductor 2SH22 Datasheet HTML 3Page - Hitachi Semiconductor 2SH22 Datasheet HTML 4Page - Hitachi Semiconductor 2SH22 Datasheet HTML 5Page - Hitachi Semiconductor 2SH22 Datasheet HTML 6Page - Hitachi Semiconductor 2SH22 Datasheet HTML 7Page - Hitachi Semiconductor 2SH22 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Table 2 Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit Test conditions
———————————————————————————————————————————
Collector to emitter breakdown
V(BR)CES
600
—
—
V
IC = 100 µA, VGE = 0
voltage
———————————————————————————————————————————
Zero gate voltage collector
ICES
—
—
0.5
mA
VCE = 600 V, VGE = 0
current
———————————————————————————————————————————
Gate to emitter leak current
IGES
——±1
µA
VGE = ±20 V, VCE = 0
———————————————————————————————————————————
Gate to emitter cutoff current
VGE(off)
3.0
—
6.0
V
IC = 1 mA, VCE = 10 V
———————————————————————————————————————————
Collector to emitter saturation
VCE(sat)1
—
1.5
—
V
IC = 35 A, VGE = 15 V
voltage
———————————————————————————————————————————
Collector to emitter saturation
VCE(sat)2
—
2.0
2.6**
V
IC = 75 A, VGE = 15 V
voltage
———————————————————————————————————————————
Input capacitance
Cies
—
6200
—
pF
VCE = 10 V, VGE = 0,
f = 1 MHz
———————————————————————————————————————————
Switching time
tr
—
700
—
ns
IC = 75 A,
————————————————
ton
—
900
—
RL = 4 Ω,
————————————————
tf
—
2000
—
VGE = ±15 V
————————————————
toff
—
2800
—
Rg = 50
Ω
———————————————————————————————————————————
**VCE(sat)2 is specified at the correlated test condition (IC=50A)
2
2SH22



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com