Electronic Components Datasheet Search
  English  ▼

X  

2SH29 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SH29
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SH29 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SH29 Datasheet HTML 1Page - Hitachi Semiconductor 2SH29 Datasheet HTML 2Page - Hitachi Semiconductor 2SH29 Datasheet HTML 3Page - Hitachi Semiconductor 2SH29 Datasheet HTML 4Page - Hitachi Semiconductor 2SH29 Datasheet HTML 5Page - Hitachi Semiconductor 2SH29 Datasheet HTML 6Page - Hitachi Semiconductor 2SH29 Datasheet HTML 7Page - Hitachi Semiconductor 2SH29 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SH29
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Collector to Emitter voltage
V
CES
600
V
Gate to Emitter voltage
V
GES
±20
V
Collector current
I
C
30
A
Collector peak current
ic(peak)
60
A
Collector dissipation
P
C
Note1
75
W
Channel temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at Tc = 25
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector
current
I
CES
—
—
100
µAV
CE = 600V, VGE = 0
Gate to emitter leak current
I
GES
——
±1
µAV
GE = ± 20 V, VCE = 0
Gate to emitter cutoff voltage
V
GE(off)
6.0
—
8.0
V
I
C = 30 mA, VCE = 10V
Collector to emitter saturation
voltage
V
CE(sat)
—
2.1
2.6
V
I
C = 30 A, VGE = 15V
Input capacitance
Cies
—
1850
—
pF
V
CE = 10V,
V
GE = 0
f = 1MHz
Switching time
t
r
—
200
—
ns
I
C = 30 A
t
on
—
310
—
ns
R
L = 10 Ω
t
f
—
300
600
ns
V
GS = ±15V
t
off
—
520
1040
ns
Rg = 50
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com