Electronic Components Datasheet Search
  English  ▼

X  

2SH30 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SH30
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SH30 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SH30 Datasheet HTML 1Page - Hitachi Semiconductor 2SH30 Datasheet HTML 2Page - Hitachi Semiconductor 2SH30 Datasheet HTML 3Page - Hitachi Semiconductor 2SH30 Datasheet HTML 4Page - Hitachi Semiconductor 2SH30 Datasheet HTML 5Page - Hitachi Semiconductor 2SH30 Datasheet HTML 6Page - Hitachi Semiconductor 2SH30 Datasheet HTML 7Page - Hitachi Semiconductor 2SH30 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SH30
3
Main Characteristics
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
160
120
80
40
0
0
50
100
150
200
Reverse Bias SOA
Collector to Emitter Voltage V
(V)
CE
0
200
400
600
800
20
5
10
2
0.5
1
0.2
0.1
50
Tc = 25
°C
100
Typical Output Characteristics
Collector to Emitter Voltage V
(V)
CE
50
40
30
20
10
0
2
468
10
V
= 8 V
GE
9 V
12 V
Pulse Test
15 V
11 V
10 V
Collector to Emitter Voltage V
(V)
CE
Maximum Safe Operation Area
100
30
10
1
3
10
30
100
3
1
0.3
0.1
0.03
0.01
300
1000
100
µs
Ta = 25
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com