Electronic Components Datasheet Search
  English  ▼

X  

GL2146 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GL2146
Description  C M O S P o s i t i v e V o l t a g e R e g u l a t o r
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL2146 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GL2146 Datasheet HTML 1Page - E-Tech Electronics LTD GL2146 Datasheet HTML 2Page - E-Tech Electronics LTD GL2146 Datasheet HTML 3Page - E-Tech Electronics LTD GL2146 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
ISSUED DATE :2004/11/05
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GL2146-13
6V132
XXXX
1.3V
GL2146-15
6V152
XXXX
1.5V
GL2146-18
6V182
XXXX
1.8V
GL2146-25
6V252
XXXX
2.5V
GL2146-27
6V272
XXXX
2.7V
GL2146-28
6V282
XXXX
2.8V
GL2146-29
6V292
XXXX
2.9V
GL2146-30
6V302
XXXX
3.0V
GL2146-31
6V312
XXXX
3.1V
GL2146-33
6V332
XXXX
3.3V
GL2146-34
6V342
XXXX
3.4V
GL2146-35
6V352
XXXX
3.5V
GL2146-36
6V362
XXXX
3.6V
GL2146-37
6V372
XXXX
3.7V
GL2146-38
6V382
XXXX
3.8V
Characteristics Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com