Electronic Components Datasheet Search
  English  ▼

X  

ML7344E Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ML7344E
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344E Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ML7344E Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
13/151
●Power Consumption
Item
Symbol
Conditions
Min
Typ. (*2)
Max(*3)
Unit
IDD_DSLP
Deep Sleep mode
-
0.1
11
(0.8)
µA
IDD_SLP1
Sleep mode 1 (*4)
-
0.4
23
(1.6)
µA
IDD_SLP2
Sleep mode 2 (*4)
-
0.53
25.8
(1.9)
µA
IDD_SLP3
Sleep mode 3 (*4)
-
0.7
26
(2.1)
µA
IDD_SLP4
Sleep mode 4 (*4)
-
2.14
28
(4.1)
µA
IDD_IDLE
Idle mode(*5)
-
0.6
-
mA
IDD_RX
RF RX mode (*6)(*7)
LOW_RATE_EN([CLK_SET2:
-
5.9
-
mA
IDD_TX1
RF TX mode (1mW) (*6)
For ML7344E/J
-
8.8
-
mA
IDD_TX10
RF TX mode (10mW) (*6)
-
22.0
-
mA
For ML7344E/J
(*6)
-
28.0
-
mA
IDD_TX20
RF TX mode
(20mW)
For ML7344C
(*7)
-
45.0
-
mA
IDD_TX100
RF TX mode (100mW) (*7)
For ML7344C
-
90
-
mA
Power Consumption
(*1)
IDD_XTAL
X’tal Oscillator Circuit (*8)
-
0.3
-
mA
(*1) Power consumption is sum of current consumption of all power supply pins
(*2) “Typ” value is centre value under condition of VDDIO=3.3V, 25˚C.
(*3) () is a reference maximum value under condition of 25˚C
(*4) The definition od each sleep mode is shown in following table.
Mode.
Register
FIFO
RC Osc.
(32kHz)
Low clock
timer
Sleep mode 1
Not retain
Not retain
OFF
-
Sleep mode 2
Retain
Retain
OFF
-
Sleep mode 3
Retain
Retain
External Input
ON
Sleep mode 4
Retain
Retain
ON
ON
(*5) Under condition of using TCXO.
(*6) Under condition of data receiving speed at 9.6 kbps and 426 MHz operation.
(*7) Under condition of data receiving speed at 9.6 kbps and 490 MHz operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com