Electronic Components Datasheet Search
  English  ▼

X  

ML9213 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9213 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ML9213 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
5/19
PIN DESCRIPTIONS
Pin
Symbol
ML9213GA ML9213GP
Type
Description
V
DISP
65, 80
63, 78
—
Power supply pins for VFD driver circuit.
These should be connected externally.
V
DD
25
23
—
Power supply pin for logic drive.
D-GND
24, 40
22, 38
—
L-GND
33
31
—
D-GND is ground pin for the VFD driver circuit. L-GND is ground
pin for the logic circuit. These should be connected externally.
SEG1 to 37
42 to 64,
66 to 79
40 to 62,
64 to 77
O
Segment (anode) signal output pins for a VFD tube. These pins
can be directly connected to the VFD tube. External circuit is not
required.
I
OH d –5 mA
SEG38 to 56
1 to 19
79, 80,
1 to 17
O
Segment (anode) signal output pins for a VFD tube. These pins
can be directly connected to the VFD tube. External circuit is not
required.
I
OH d –10 mA
GRID1
20
18
GRID2
21
19
GRID3
22
20
O
Inverted Grid signal output pins. Since these pins are connected
to the pre-driver, an external circuit is required.
I
OL d 10 mA
CS
29
27
I
Chip select input pin.
Data is not transferred when CS is set to a Low level.
CLOCK
30
28
I
Shift clock input pin.
Serial data shifts at the rising edge of the CLOCK.
DATA IN
31
29
I
Serial data input pin (positive logic). Data is input to the shift
register at the rising edge of the CLOCK signal.
DUP/
TRI
35
33
I
Duplex/Triplex operation select input pin.
Duplex (1/2 duty) operation is selected when this pin is set to V
DD.
Triplex (1/3 duty) operation is selected when this pin is set to L-
GND.
M/
S
36
34
I
Master/Slave mode select input pin.
Master mode is selected when this pin is set to V
DD.
Slave mode is selected when this pin is set to L-GND.
DIM IN
26
24
I
Dimming pulse input.
When the slave mode is selected, connect this pin to the master
side DIM OUT pin. The pulse width of all the segment outputs is
controlled by an input pulse width of DIM IN. When the master
mode is selected, input to this pin is ignored; therefore, connect
this pin to V
DD or L-GND. The pulse width of all the segment
outputs is controlled by the built-in digital dimming circuit, and the
pulse width of all the grid outputs is controlled by the internal
timing generator.
SYNC IN1
27
25
SYNC IN2
28
26
I
Synchronous signal input.
When the slave mode is selected, connect these pins to the
master side SYN COUT1 and 2 pins.
When the master mode is selected, input to these pins is ignored;
therefore, connect these pins to V
DD or L-GND.
DIM OUT
39
37
O
Dimming pulse output.
Connect this pin to the slave side DIM IN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com