Electronic Components Datasheet Search
  English  ▼

X  

ML22804 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ML22804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22804 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ML22804 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
5.
PLAY command
0
1
0
0
⎯
⎯
⎯
⎯
• command
F7
F6
F5
F4
F3
F2
F1
F0
1st byte
2nd byte
The PLAY command is a 2-byte command.
Set the playback phrase using the second byte of this command.
The PLAY command can be input when the NCR signal is at a “H” level.
Since it is possible to specify the playback phrase (F7 to F0) at the time of creating the ROM that stores voice
data, set the phrase that was set when the ROM was created.
Figure below shows the timing of phrase (F7 to F0 = 01H) playback.
CS
Status
Playing
SCK
DI
NCR
BUSY
AOUT
1V
PLAY command
1
st byte
PLAY command
2
nd byte
Awaiting command
Command is being processed
Awaiting command
Address is being
controlled
Awaiting command
When the 1
st byte of the PLAY command is input, the device enters a state in which it waits for the 2nd byte to be
input after the elapse of the command processing time.
When the 2
nd byte of PLAY command is input, after an
elapse of the command processing time, the device starts reading from the ROM the address information of the
phrase to be played.
Thereafter, playback operation starts, the playback is performed up to the specified ROM
address, and then the playback ends automatically.
The NCR1 signal is at a “L” level during address control, and goes “H” when the address control is finished and
playback is started.
When this NCR signal goes “H”, then it is possible to input the PLAY command for the
next playback phrase.
During address control, the
BUSY signal is at a “L” level during playback and goes “H” when playback is
finished.
Whether the playback is going on can be known by the
BUSY signal.
Time Required for Address Control
The time required for controlling the address of the playback phrase after input of the PLAY command is the
time of 16 to 17 periods of the sampling frequency of the the phrase that was played last.
After power is turned
on or after
RESET is input, it is the time of 16 to 17 periods of 4 kHz sampling frequency.
30/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com