Electronic Components Datasheet Search
  English  ▼

X  

GP24BC02 Datasheet(PDF) 8 Page - E-Tech Electronics LTD

Part # GP24BC02
Description  2 - w i r e S e r i a l E E P RO M 1 K / 2 K / 4 K / 8 K / 1 6 K
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GP24BC02 Datasheet(HTML) 8 Page - E-Tech Electronics LTD

  GP24BC02 Datasheet HTML 1Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 2Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 3Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 4Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 5Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 6Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 7Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 8Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
GP24BC01/02/02/04/08/16
Page: 8/9
ISSUED DATE :2006/08/17
REVISED DATE :
Current Address Read: A current address read operation is initiated by issuing R/W=1 in the device address
word (refer to Figure 11). Since the internal address counter maintains the last address incremented by one
accessed during the last read or write operation, the internal address counter will always retain the last
address incremented by one.
Random Read: To access a different address location that the one currently stored in the internal counter, a
random read operation is provided. The random read is actually a combination of a “dummy” byte write
sequence with a current address read command (refer to Figure 12). The “dummy” byte write loads a different
address into the internal counter, and the data can then be accessed using the current address read.
Sequential Read: In order to access subsequent data word after a current address read or random read has
been initiated, the user should send an acknowledgment to the EEPROM chip after each data byte received. If
an acknowledgment is not received, then the chip will not send any more data and expect a STOP condition on
the next cycle to reset back to standby more (refer to Figure 13).
Sequential reads can be used to perform an entire chip read. Unlike the page write operation, the internal
counter will increment to the next row after the last byte of the page has been reached. When the address
reaches the last byte of the last memory page, the next address will increment to the 1st byte of the 1st memory
page.
Once the memory address limit is reached, the data word address will “roll over” and the sequential read will
continue. When the microcontroller does not respond with a zero but does generate a following stop condition,
the sequential read operations is terminated.
Figure 11. Current Address Read
Figure 12. Random Read
(
* = DON’T CARE bit for 1K)
Figure 13. Sequential Read
*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com