Electronic Components Datasheet Search
  English  ▼

X  

2SJ409 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SJ409
Description  Silicon P-Channel MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ409 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SJ409 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ409 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ409 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ409 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ409 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SJ409(L), 2SJ409(S)
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
–100
—
—
V
I
D = –10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
—
—
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
—
—
–250
µAV
DS = –80 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
—
–2.0
V
I
D = –1 mA, VDS = –10 V
Static drain to source on state
resistance
R
DS(on)
—
0.12
0.16
Ω
I
D = –10 A
V
GS = –10 V*
1
—
0.16
0.22
Ω
I
D = –10 A
V
GS = –4 V*
1
Forward transfer admittance
|y
fs|
7.5
12
—
S
I
D = –10 A
V
DS = –10 V*
1
Input capacitance
Ciss
—
1860
—
pF
V
DS = –10 V
Output capacitance
Coss
—
680
—
pF
V
GS = 0
Reverse transfer capacitance
Crss
—
145
—
pF
f = 1 MHz
Turn-on delay time
t
d(on)
—
15
—
ns
I
D = –10 A
Rise time
t
r
—
115
—
ns
V
GS = –10 V
Turn-off delay time
t
d(off)
—
320
—
ns
R
L = 3 Ω
Fall time
t
f
—
170
—
ns
Body to drain diode forward
voltage
V
DF
—
–1.05
—
V
I
F = –20 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
—
280
—
ns
I
F = –20 A, VGS = 0,
diF/dt = 50 A/
µs
See characteristics curves of 2SJ221



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com