Electronic Components Datasheet Search
  English  ▼

X  

2SJ409L Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SJ409L
Description  Silicon P-Channel MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ409L Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SJ409L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SJ409(L), 2SJ409(S)
Silicon P-Channel MOS FET
Application
High speed power switching
Features
• Low on-resistance
• High speed switching
• Low drive current
• 4 V Gate drive device can be driven from 5 V source
• Suitable for Switching regulator, DC - DC converter
Outline
3
2
1
4
3
2
1
4
D
G
S
LDPAK
1. Gate
2. Drain
3. Source
4. Drain


Similar Part No. - 2SJ409L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ400 SANYO-2SJ400 Datasheet
43Kb / 4P
Ultrahigh-Speed Switching Applications
logo
Toshiba Semiconductor
2SJ401 TOSHIBA-2SJ401 Datasheet
286Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ401 TOSHIBA-2SJ401 Datasheet
784Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ401 TOSHIBA-2SJ401 Datasheet
461Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ401 TOSHIBA-2SJ401 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SJ409L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ547 RENESAS-2SJ547 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ553 RENESAS-2SJ553 Datasheet
96Kb / 9P
Silicon P Channel MOS FET
2SJ410 RENESAS-2SJ410 Datasheet
1Mb / 5P
Silicon P Channel MOS FET
2SJ484 RENESAS-2SJ484 Datasheet
79Kb / 7P
Silicon P Channel MOS FET
2SJ505 RENESAS-2SJ505 Datasheet
97Kb / 9P
Silicon P Channel MOS FET
2SJ533 RENESAS-2SJ533 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
2SJ534 RENESAS-2SJ534 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com