Electronic Components Datasheet Search
  English  ▼

X  

LR2125 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # LR2125
Description  300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LR2125 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  LR2125 Datasheet HTML 1Page - E-Tech Electronics LTD LR2125 Datasheet HTML 2Page - E-Tech Electronics LTD LR2125 Datasheet HTML 3Page - E-Tech Electronics LTD LR2125 Datasheet HTML 4Page - E-Tech Electronics LTD LR2125 Datasheet HTML 5Page - E-Tech Electronics LTD LR2125 Datasheet HTML 6Page - E-Tech Electronics LTD LR2125 Datasheet HTML 7Page - E-Tech Electronics LTD LR2125 Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LR2125
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R102-038.H
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
12: 1.2V
18: 1.8V
25: 2.5V
33: 3.3V
AD: ADJ
3
2
1
SEXX□
5
4
Voltage Code
L: Lead Free
G: Halogen Free
PIN CONFIGURATION
3
2
1
4
5
VIN
GND
SHDN
SET
VOUT
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
SHDN
Control pin for shutdown
Logic High: enable
Logic Low: shutdown
2
GND
Ground
3
VIN
Voltage supply
4
VOUT
Output pin
5
SET
When this pin is connected to ground, turns to fixed output voltage operation.
When this pin is connected to an external resistor divider, turns to adjustable output
voltage mode operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com