Electronic Components Datasheet Search
  English  ▼

X  

TL594 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # TL594
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

TL594 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  TL594 Datasheet HTML 1Page - E-Tech Electronics LTD TL594 Datasheet HTML 2Page - E-Tech Electronics LTD TL594 Datasheet HTML 3Page - E-Tech Electronics LTD TL594 Datasheet HTML 4Page - E-Tech Electronics LTD TL594 Datasheet HTML 5Page - E-Tech Electronics LTD TL594 Datasheet HTML 6Page - E-Tech Electronics LTD TL594 Datasheet HTML 7Page - E-Tech Electronics LTD TL594 Datasheet HTML 8Page - E-Tech Electronics LTD TL594 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL594
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R103-031.B
PULSE-WIDTH-MODULATION
CONTROL CIRCUIT
DESCRIPTION
The UTC TL594 is a PWM (Pulse Width Modulation) control
circuit, incorporating two error amplifiers, an on-chip adjustable
oscillator, a DTC (Deadtime Control) comparator, a pulse-steering
control flip-flop, a regulator rated 5V with 1% accuracy, an UVLO
(Undervoltage Lockout) control circuit and an output control circuit.
The two error amplifiers have a common-mode voltage varies from
-0.3 V to VCC-2 V. The DTC comparator with a fixed-offset offers
dead time nearly 5%. The UVLO circuit forbids the output until the
internal circuitry is operational. The internal oscillator is used to drive
the common circuits in synchronous multiple-rail power supplies,
when be bypassed by terminating RT to the reference output and
providing an external input of sawtooth to CT.
The uncommitted output transistors have the capabilities of
either common-emitter or emitter-follower output. The output control
can select the push-pull or single-ended output operation for each
device. This chip is not allowed to appear the double pulse status for
either output during push-pull output operation due to its structure.
The UTC TL594 is generally used for the power supply control
circuits, which apply to a large area.
FEATURES
* Adjustable dead time
* Uncommitted outputs transistor rated to 200mA sink or source
current
* Single-Ended or Push-Pull operation selected by output control
* Double pulse is not allowed at either output due to its architecture
* 5V Internal reference voltage (1% accuracy)
* UVLO under the low VCC status
DIP-16
SOP-16
ORDERING INFORMATION
Order Number
Lead Free
Halogen Free
Package
Packing
TL594L-D16-T
TL594G-D16-T
DIP-16
Tube
TL594L-S16-R
TL594G-S16-R
SOP-16
Tape Reel


Similar Part No. - TL594

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL594 TI-TL594 Datasheet
418Kb / 16P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594 Datasheet
281Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
Texas Instruments
TL594 TI-TL594 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Similar Description - TL594

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594 Datasheet
418Kb / 16P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594 Datasheet
281Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526_06 Datasheet
267Kb / 9P
Pulse Width Modulation Control Circuit
July, 2006 ??Rev. 4
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
Pulse-Width-Modulation Control Circuit
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com