Electronic Components Datasheet Search
  English  ▼

X  

L2293QTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L2293QTR
Description  Push-pull four channel driver with diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2293QTR Datasheet(HTML) 3 Page - STMicroelectronics

  L2293QTR Datasheet HTML 1Page - STMicroelectronics L2293QTR Datasheet HTML 2Page - STMicroelectronics L2293QTR Datasheet HTML 3Page - STMicroelectronics L2293QTR Datasheet HTML 4Page - STMicroelectronics L2293QTR Datasheet HTML 5Page - STMicroelectronics L2293QTR Datasheet HTML 6Page - STMicroelectronics L2293QTR Datasheet HTML 7Page - STMicroelectronics L2293QTR Datasheet HTML 8Page - STMicroelectronics L2293QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
L2293Q
Electrical data
Doc ID 14899 Rev 3
3/13
1
Electrical data
1.1
Absolute maximum ratings
1.2
Recommended conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage
36
V
VSS
Logic supply voltage
36
V
Vi
Input voltage
7
V
Ven
Enable voltage
7
V
Io
Peak output current (100
μs non repetitive)
1.2
A
Ptot
Total power dissipation at Tpins = 90 °C
4
W
TJ
Junction temperature
150
°C
TSTG
Storage temperature
– 40 to 150
°C
Table 2.
Recommended conditions
Symbol
Parameter
Value
Unit
Min
Typ
Max
VS
Supply voltage
VSS
36
V
VSS
Logic supply voltage
2.8 (1)
1.
See Figure 2
36
V
TJ
Junction temperature
-20 (1)
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com