Electronic Components Datasheet Search
  English  ▼

X  

NFS110-7902P Datasheet(PDF) 3 Page - Emerson Network Power

Part # NFS110-7902P
Description  Single and quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7902P Datasheet(HTML) 3 Page - Emerson Network Power

  NFS110-7902P Datasheet HTML 1Page - Emerson Network Power NFS110-7902P Datasheet HTML 2Page - Emerson Network Power NFS110-7902P Datasheet HTML 3Page - Emerson Network Power NFS110-7902P Datasheet HTML 4Page - Emerson Network Power NFS110-7902P Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. 06.10.08
NFS110 Series
3 of 5
Embedded Power for
Business-Critical Continuity
Notes
1
Convection cooled, 80 W maximum.
2
Peak outputs lasting less than 60 seconds with duty cycle less than 10%. Total
peak power must not exceed 110 W.
3
Forced air, 20 CFM at 1 atmosphere, 110 W maximum.
4
Figure is peak-to-peak. Output ripple is measured across a 50 MHz bandwidth
using a 12 inch twisted pair terminated with a 47 μF capacitor.
5
Total regulation is defined at the static output regulation at 25 °C, including
initial tolerance, line voltage within stated limits and output voltages adjusted
to their factory settings. Also for NFS110-7902PJ, for 24 V output stated
regulation IA / IB ² 5. This output will maintain ±5.0% regulation if
IA ² 5 A, where IA = +5.1 V output current and IB = +24 V output current.
6
Single output models have floating outputs which may be referenced as either
positive or negative. Higher voltage supplies, may be adjusted over a wide
output voltage range, as long as the total output power does not exceed 80
Watts (natural convection) or 110 Watts (forced air).
7
Power fail detect not available on single output models.
8
Derating curve is application specific for ambient temperatures > 50 °C, for
optimum reliability no part of the heatsink should exceed 90 °C and no
semiconductor case temperature should exceed 100 °C.
9
Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
10 The user should read the PSU installation instructions in conjunction with the
relevant national safety regulations in order to ensure compliance.
11 Three orthogonal axes, random vibration, 10 minute test for each axis.
12 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
13 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE
RoHS 5/6 (non Pb-free) compliant versions may be available on special request,
please contact your local sales representative for details.
14 NOTICE: Some models do not support all options. Please contact your local
Emerson Network Power representative or use the on-line model number
search tool at http://www.powerconversion.com to find a suitable alternative.
TRANSIENT RESPONSE
NFS110-7901PJ
+5.1 V (7.5-10 A)
150 mV peak,
1 ms recovery
+12 V (2.5-5 A)
100 mV peak,
0.5 ms recovery
-12 V (0.5-1 A)
100 mV peak,
0.5 ms recovery
-5 V (0.5-1 A)
100 mV peak,
0.5 ms recovery
NFS110-7902PJ
+5.1 V (7.5-10 A)
150 mV peak,
1 ms recovery
+12 V (2.5-5 A)
100 mV peak,
0.5 ms recovery
-12 V (0.5-1 A)
100 mV peak,
0.5 ms recovery
24 V (1.5-3 A)
300 mV peak,
1 ms recovery
NFS110-7904PJ
+5.1 V (7.5-10 A)
150 mV peak,
1 ms recovery
+15 V (2.5-5 A)
100 mV peak,
0.5 ms recovery
-15 V (0.5-1 A)
100 mV peak,
0.5 ms recovery
-5 V (0.5-1 A)
100 mV peak,
0.5 ms recovery
NFS110-7905J
+5.1 V (10-20 A)
250 mV peak,
1 ms recovery
NFS110-7912J
+12 V (4.5-9 A)
360 mV peak,
1 ms recovery
NFS110-7915J
+15 V (3.65-7.3 A)
450 mV peak,
1 ms recovery
NFS110-7924J
+24 V (2.25-4.5 A)
720 mV peak,
Ordering Information
Output
Voltage
Output Currents
Ripple (4)
Total
Regulation (5)
Model Numbers (13, 14, F)
Max (1)
Peak (2)
Fan (3)
+5.1 V
8 A
20 A
10 A
50 mV
±2.0%
NFS110-7901PJ
+12 V
4.5 A
9 A
5 A
120 mV
±3.0%
–12 V
0.5 A
1.5 A
1 A
120 mV
±3.0%
–5 V
0.5 A
1.5 A
1 A
50 mV
±3.0%
+5.1 V (IA)
8 A
20 A
10 A
50 mV
±2.0%
NFS110-7902PJ
+24 V (IB)
(6)
3.5 A
4.5 A
4.5 A
240 mV
+10/–5.0%
+12 V
4.5 A
9 A
5 A
120 mV
±3.0%
–12 V
0.5 A
1.5 A
1 A
120 mV
±3.0%
+5.1 V
8 A
20 A
10 A
50 mV
±2.0%
NFS110-7904PJ
+15 V
4 A
7.5 A
5 A
150 mV
±4.0%
–15 V
0.5 A
1.5 A
1 A
150 mV
±3.0%
–5 V
0.5 A
1.5 A
1 A
50 mV
±3.0%
12 V
7 A
9 A
9 A
120 mV
±2.0%
NFS110-7912J (7,8)
15 V
5 A
7.3 A
7.3 A
150 mV
±2.0%
NFS110-7915J (7,8)
24 V
3.5 A
4.5 A
4.5 A
240 mV
±2.0%
NFS110-7924J (7,8)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com