Electronic Components Datasheet Search
  English  ▼

X  

P010352 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010352
Description  All Dimensions In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010352 Datasheet(HTML) 1 Page - E-SWITCH

  P010352 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL2201EEZA
4:1
3/19/2008
P010352
D
RC
1
1
PC LAYOUT
8.50
[.335 in]
8.50
[.335 in]
2.80
[.110 in]
6.50
[.256 in]
3.50
[.138 in]
8.50
[.335 in]
.75
[.030 in]
3.00
[.118 in]
3
2
1
1
4
CIRCUIT DIAGRAM
PUSH
1
2
3
4
5
6
MAKE BEFORE BREAK
POS. 1
POS. 2
SWITCH FUNCTION
ON
ON
2-1, 5-4
2-3, 5-6
(ON)=MOMENTARY
n.80
[.031 in]
5.40
[.213 in]
2.50
[.098 in]
C
18032
Redrawn and chg force from 180 grams
3/19/08
RC
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERMINAL NUMBERS FOR REF. ONLY
4. RATING: 0.1A @ 30VDC
5. TRAVEL: 2.50
`0.38mm
6. OPERATING FORCE: 220
`50gf
7. ELECTRICAL LIFE: 10,000 CYCLES
8.
DENOTES CRITICAL PARAMETER
9. 2002/95/EC (RoHS) COMPLIANT
5.40
[.213 in]
.40
[.016 in]
2.50
[.098 in]
2.50
[.098 in]
.50
[.020 in]
4.00
[.157 in]
4.00
[.157 in]
1
4
6
3
D
19364
CORRECT CONTACT NUMBERING
10/19/10
BMA
D
D
D


Similar Part No. - P010352

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010350 E-SWITCH-P010350 Datasheet
185Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010351 E-SWITCH-P010351 Datasheet
180Kb / 1P
All Dimensions In MM
P010354 E-SWITCH-P010354 Datasheet
195Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY
P010356 E-SWITCH-P010356 Datasheet
108Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY
P010358 E-SWITCH-P010358 Datasheet
195Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY
More results

Similar Description - P010352

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R072023 E-SWITCH-R072023 Datasheet
20Kb / 1P
All Dimensions In MM
R072025 E-SWITCH-R072025 Datasheet
20Kb / 1P
All Dimensions In MM
M309310 E-SWITCH-M309310 Datasheet
33Kb / 1P
All Dimensions In MM
P010351 E-SWITCH-P010351 Datasheet
180Kb / 1P
All Dimensions In MM
T312015 E-SWITCH-T312015 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM
T314019 E-SWITCH-T314019 Datasheet
51Kb / 1P
ALL DIMENSIONS IN MM
B040204 E-SWITCH-B040204 Datasheet
18Kb / 1P
ALL DIMENSIONS IN MM
Q970028 E-SWITCH-Q970028 Datasheet
59Kb / 1P
ALL DIMENSIONS IN MM
T110237 E-SWITCH-T110237 Datasheet
89Kb / 1P
ALL DIMENSIONS IN MM
T201223 E-SWITCH-T201223 Datasheet
65Kb / 1P
ALL DIMENSIONS IN MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com