Electronic Components Datasheet Search
  English  ▼

X  

P010354 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010354
Description  TERMINAL NUMBERS FOR REF. ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010354 Datasheet(HTML) 1 Page - E-SWITCH

  P010354 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL2201EEYA
2:1
3/17/2008
P010354
H
rc
1
1
PC LAYOUT
1
2
3
6
5
4
8.50
[.335 in]
8.50
[.335 in]
3.30
[.130 in]
o
5.70
[.224 in]
1.00
[.039 in]
2.20
[.087 in]
1
2
3
1
4
BREAK BEFORE MAKE
POS. 1
POS. 2
SWITCH FUNCTION
ON
ON
2-1, 5-4
2-3, 5-6
n.80
[.031 in]
5.40
[.213 in]
2.50
[.098 in]
F
18017
Redrawn and force chganged from 180
3/17/08
rc
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERMINAL NUMBERS FOR REF. ONLY
4. RATING: 0.1A @ 30VDC
5. TRAVEL: 2.50
`0.38mm
6. OPERATING FORCE: 220
`50gf
7. ELECTRICAL LIFE: 10,000 CYCLES
8.
DENOTES CRITICAL PARAMETER
9. 2002/95/EC (ROHS) COMPLIANT
5.40
[.213 in]
.40
[.016 in]
3.50
[.138 in]
4.00
[.157 in]SQ.
2.50
[.098 in]TYP.
.50
[.020 in]
.30
[.012 in]
RIB
8.50
[.335 in]
1.55
[.061 in]
1.70
[.067 in]
G
19515
CORRECTED SWITCH FUNCTION SYMBOL
12/10/10
BGL
G
CIRCUIT DIAGRAM
PUSH
1
2
3
4
5
6
H
19697
UPDATE CIRCUIT DIAGRAM
2/21/11
BGL
H


Similar Part No. - P010354

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010350 E-SWITCH-P010350 Datasheet
185Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010351 E-SWITCH-P010351 Datasheet
180Kb / 1P
All Dimensions In MM
P010352 E-SWITCH-P010352 Datasheet
203Kb / 1P
All Dimensions In MM
P010356 E-SWITCH-P010356 Datasheet
108Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY
P010358 E-SWITCH-P010358 Datasheet
195Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY
More results

Similar Description - P010354

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com