Electronic Components Datasheet Search
  English  ▼

X  

P010358 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010358
Description  TERMINAL NUMBERS FOR REF. ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010358 Datasheet(HTML) 1 Page - E-SWITCH

  P010358 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL2201OAZB
2:1
3/17/2008
P010358
D
rc
1
1
PC LAYOUT
3
1
46
1
2
3
41
8.50
[.335 in]
8.50
[.335 in]
2.80
[.110 in]
6.50
[.256 in]
3.50
[.138 in]
8.50
[.335 in]
5.40
[.213 in]
.40
[.016 in]
2.50
[.098 in]
.50
[.020 in]
.75
[.030 in]
3.00
[.118 in]
CIRCUIT DIAGRAM
PUSH
1
2
3
4
5
6
BREAK BEFORE MAKE
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
2-1, 5-4
2-3, 5-6
(ON)=MOMENTARY
n.80
[.031 in]
5.40
[.213 in]
2.50
[.098 in]
C
18018
Redrawn and chg force from 180 to 220
3/17/08
rc
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERMINAL NUMBERS FOR REF. ONLY
4. RATING: 0.1A @ 30VDC
5. TRAVEL: 2.50
`0.38mm
6. OPERATING FORCE: 220
`50gf
7. ELECTRICAL LIFE: 10,000 CYCLES
8.
DENOTES CRITICAL PARAMETER
D
19697
CHANGED TERMINAL NUMBERS
2/21/11
BGL


Similar Part No. - P010358

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010350 E-SWITCH-P010350 Datasheet
185Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010351 E-SWITCH-P010351 Datasheet
180Kb / 1P
All Dimensions In MM
P010352 E-SWITCH-P010352 Datasheet
203Kb / 1P
All Dimensions In MM
P010354 E-SWITCH-P010354 Datasheet
195Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY
P010356 E-SWITCH-P010356 Datasheet
108Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY
More results

Similar Description - P010358

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com