Electronic Components Datasheet Search
  English  ▼

X  

STN2018 Datasheet(PDF) 3 Page - Stanson Technology

Part # STN2018
Description  N Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN2018 Datasheet(HTML) 3 Page - Stanson Technology

  STN2018 Datasheet HTML 1Page - Stanson Technology STN2018 Datasheet HTML 2Page - Stanson Technology STN2018 Datasheet HTML 3Page - Stanson Technology STN2018 Datasheet HTML 4Page - Stanson Technology STN2018 Datasheet HTML 5Page - Stanson Technology STN2018 Datasheet HTML 6Page - Stanson Technology STN2018 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STN2018
N Channel Enhancement Mode MOSFET
10.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp
.
STN2018 2013. V1
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=250uA
20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250 uA
0.6
1.4
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±100
nA
VDS=20VGS=0V
1
Zero Gate Voltage Drain
Current
IDSS
TJ=55℃
VDS=20VGS=0V
10
uA
On-State Drain Current
ID(on)
VDS≥5V,VGS=4.5
6
A
Drain-source On-Resistance
RDS(on)
VGS=4.5V, ID=10A
VGS=2.5V, ID=7.0A
0.008
0.011
0.012
0.015
Ω
Forward Tran Conductance
gfs
VDS=15.0V,ID=5.0A
30
S
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
18
25
Gate-Source Charge
Qgs
4.2
Gate-Drain Charge
Qgd
VDS=10V,VGS=4.5V
ID=5.0A
6.8
nC
Input Capacitance
Ciss
850
Output Capacitance
Coss
135
Reverse TransferCapacitance
Crss
VDS=10V,VGS=0V
f=1MHz
105
pF
12
16
Turn-On Time
td(on)
tr
10
28
30
55
Turn-Off Time
td(off)
tf
VDD=10V,RL=10Ω
ID=1.0A,VGEN=4.5V
RG=6Ω
35
58
nS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com