Electronic Components Datasheet Search
  English  ▼

X  

GSCLM358 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSCLM358
Description  D U A L O P E R AT I O N A L A MPL IFI ER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSCLM358 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSCLM358 Datasheet HTML 1Page - E-Tech Electronics LTD GSCLM358 Datasheet HTML 2Page - E-Tech Electronics LTD GSCLM358 Datasheet HTML 3Page - E-Tech Electronics LTD GSCLM358 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSCLM358
Page: 1/4
ISSUED DATE :2003/08/15
REVISED DATE :2005/10/05C
G
G S
S C
C L
L M
M 335588
D
D U
U A
A L
L O
O P
P E
E R
R A
A T
T II O
O N
N A
A L
L A
A M
M P
P L
L II F
F II E
E R
R
Description
The GSCLM358 consists of two independent high gain, internally frequency compensated operational amplifier. It can be
operated from a Single power supply and also split power supplies.
Features
*Internally frequency compensated for unity gain.
*Wide power supply range 3V – 32V.
*Input common – mode voltage range include ground.
*Large DC voltage gain.
Applications
*General purpose amplifier.
*Transducer amplifier.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Pin Configurations


Similar Part No. - GSCLM358

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSCLM358 GTM-GSCLM358 Datasheet
252Kb / 4P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - GSCLM358

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GE1117A50 ETL-GE1117A50 Datasheet
243Kb / 4P
1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
GE1147-50 ETL-GE1147-50 Datasheet
243Kb / 4P
1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
GHLM324 ETL-GHLM324 Datasheet
426Kb / 4P
Q U A D O P E R AT I O N A L A M P L I F I E R S
GP103A ETL-GP103A Datasheet
187Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GP4558 ETL-GP4558 Datasheet
209Kb / 4P
D U A L O P E R AT I O N A L A M P L I F I E R
GPLM358 ETL-GPLM358 Datasheet
226Kb / 4P
D U A L O P E R A T II O N A L A MP LII F II ER
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSC4558 ETL-GSC4558 Datasheet
221Kb / 4P
D U A L O P E R AT I O N A L A M P L I F I E R
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
D U A L D I F F E R E N T I A L C O M P A R AT O R
GSS1120 ETL-GSS1120 Datasheet
276Kb / 3P
D u a l 1 A L o w D r o p o u t P o s i t i v e R e g u l a t o r
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com