Electronic Components Datasheet Search
  English  ▼

X  

GSCNE555 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GSCNE555
Description  High current driver capability (=200mA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSCNE555 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GSCNE555 Datasheet HTML 1Page - E-Tech Electronics LTD GSCNE555 Datasheet HTML 2Page - E-Tech Electronics LTD GSCNE555 Datasheet HTML 3Page - E-Tech Electronics LTD GSCNE555 Datasheet HTML 4Page - E-Tech Electronics LTD GSCNE555 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GSCNE555
Page: 2/5
ISSUED DATE :2005/08/10
REVISED DATE :2006/05/15C
Absolute Maximum Ratings (Ta=25 :::: )
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
16
V
Output Current
IO
200
mA
Power Dissipation
Pd
440
mW
Lead Temperature
Tlead
300
:
Operating Temperature
Topr
0 ~ 70
:
Storage Temperature
Tstg
-65 ~ 150
:
Electrical Characteristics (TA=25 : VCC=5 ~ 15V)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
-
16
V
VCC=5V, RL=
-
3
6
mA
Supply Current (Note 1)
ICC
VCC=15V, RL=
-
10
15
mA
Timing Error(monostable)
Initial Accurary (Note 1)
ACCUR RA=1k to 100k
-
1.0
-
%
Drift with Temperature
t/ T C=0.1 F
-
50
-
ppm/ :
Drift with Supply Voltage
t/ VCC
-
0.1
-
%/V
Timing Error(astable)
Initial Accurary (Note 1)
ACCUR RA=1k to 100k
-
2.25
-
%
Drift with Temperature
t/ T C=0.1 F
-
150
-
ppm/ :
Drift with Supply Voltage
t/ VCC
-
0.3
-
%/V
VCC=15V
9.0
10.0
11.0
V
Control Voltage
VC
VCC=5V
2.6
3.33
4.0
V
VCC=15V
9.2
10.0
10.8
V
Threshold Voltage
VTH
VCC=5V
3.1
3.33
3.55
V
Threshold Current (Note 3)
ITH
-
0.1
0.25
A
VCC=5V
1.1
1.67
2.2
V
Trigger Voltage
Vtr
VCC=15V
4.5
5
5.6
V
Trigger Current
Itr
Vtr=0
-
-
2.0
A
Reset Voltage
Vrst
0.4
0.7
1.0
V
Reset Current
Irst
-
0.1
0.4
mA
VCC=15V, Isink=10mA
-
0.06
0.25
VCC=15V, Isink=50mA
-
0.3
0.75
Low Output Voltage
VOL
VCC=5V, Isink=5mA
-
0.05
0.35
V
VCC=15V, Isource=200mA
-
12.5
-
VCC=15V, Isource=100mA
12.75 13.3
15
High Output Voltage
VOH
VCC=5V, Isource=100mA
2.75
3.3
5
V
Reset Time of Output
tR
-
100
-
nSec
Fall Time of Output
tF
-
100
-
nSec
Discharge leakage Current
ILKG
-
20
100
nA
Note1: Supply current when output is high typically 1mA less at VCC=5V.
Note2: Tested at VCC=5V and VCC=15V.
Note3: This will determine the maximum value of RA+RB for 15V operation, the maximum total is R=20M , and for 5V operation the
maximum total is R=6.7M .



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com