Electronic Components Datasheet Search
  English  ▼

X  

LD2985 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # LD2985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LD2985 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  LD2985 Datasheet HTML 1Page - E-Tech Electronics LTD LD2985 Datasheet HTML 2Page - E-Tech Electronics LTD LD2985 Datasheet HTML 3Page - E-Tech Electronics LTD LD2985 Datasheet HTML 4Page - E-Tech Electronics LTD LD2985 Datasheet HTML 5Page - E-Tech Electronics LTD LD2985 Datasheet HTML 6Page - E-Tech Electronics LTD LD2985 Datasheet HTML 7Page - E-Tech Electronics LTD LD2985 Datasheet HTML 8Page - E-Tech Electronics LTD LD2985 Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LD2985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 15
www.unisonic.com.tw
QW-R102-024.J
MARKING INFORMATION
PACKAGE
VOLTAGE
VOLTAGE CODE
MARKING
SOT-25
1.5V
A5
1.8V
A8
2.5V
B5
2.8V
B8
2.85V
BJ
3.0V
C0
3.1V
C1
3.2V
C2
3.3V
C3
3.5V
C5
3.6V
C6
3.8V
C8
4.0V
D0
4.7V
D7
5.0V
E0
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
IN
Input port
2
GND
Ground pin
3
INHIBIT
Control switches ON/OFF. Inhibit is not internally pulled-up; it cannot be left floating.
Disable the device when connected to GND or to a positive voltage less than 0.18V
4
Bypass
Bypass pin: Capacitor to be connected to GND in order to improve the thermal noise
performances.
5
OUT
Output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com