Electronic Components Datasheet Search
  English  ▼

X  

J108 Datasheet(PDF) 1 Page - Micross Components

Part # J108
Description  Linear Systems replaces discontinued Siliconix J108
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

J108 Datasheet(HTML) 1 Page - Micross Components

  J108 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX J108 
LOW ON RESISTANCE 
rDS(on) ≤ 8Ω 
FAST SWITCHING 
t(on) ≤ 4ns 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐55°C to +150°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = ‐25V 
Gate to Source Voltage 
VGSS = ‐25V 
  
J108 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐25 
‐‐ 
‐‐ 
 
 
V 
IG = 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐3 
‐‐ 
‐10 
VDS = 5V, ID = 1µA 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
0.7 
‐‐ 
IG = 1mA,   VDS = 0V 
IDSS 
Drain to Source Saturation Current (Note 2) 
80 
‐‐ 
‐‐ 
mA 
VDS = 15V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
‐0.01 ‐3  
nA 
VGS = ‐15V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐0.01 
‐‐ 
VDG = 10V,  ID = 10mA 
ID(off) 
Drain Cutoff Current 
‐‐ 
 0.02 
3 
VDS = 5V, VGS = ‐10V 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
8 Ω 
VGS = 0V,  VDS ≤ 0.1V 
 
 
    
 
J108 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
gfs 
Forward Transconductance 
‐‐ 
17 
‐‐ 
mS 
VDS = 5V,  ID = 10mA , f = 1kHz 
gos 
Output Conductance 
‐‐ 
0.6 
‐‐ 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
8 Ω 
VGS = 0V, ID = 0A,  f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
60 
‐‐ 
 
pF 
VDS = 0V, VGS = 0V, f = 1MHz 
Crss 
Reverse Transfer Capacitance 
‐‐ 
11 
‐‐ 
VDS = 0V, VGS = ‐10V, f = 1MHz 
en 
Equivalent Noise Voltage 
‐‐ 
3.5 
‐‐ 
nV/√Hz 
VDS = 5V,  ID = 10mA , f = 1kHz 
 
 
    
 
J108 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC  
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
3  
 
ns 
VDD = 1.5V 
VGS(H) = 0V 
 
See Switching Circuit 
tr 
Turn On Rise Time 
1 
td(off) 
Turn Off Time 
4 
tf 
Turn Off Fall Time 
18 
                                                                                                                 
J108 SWITCHING CIRCUIT PARAMETERS                                                                                                                          
VGS(L) ‐12V  
RL 
150Ω 
 
ID(on) 
10mA  
  
 
  
 
  
 
  
 
  
 
J108
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix J108
This n-channel JFET is optimised for low noise high
performance switching. The part is particularly suitable
for use in low noise audio amplifiers. The SOT-23
package is well suited for cost sensitive applications
and mass production.
(See Packaging Information).
J108 Applications:
Analog Switches
Commutators
Choppers
J108 Benefits:
Low On Resistance
Low insertion loss
Low Noise
Micross Components Europe
Available Packages:
J108 in SOT-23
J108 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐ Absolute maximum ratings are limiting values above which J108 serviceability may be impaired.  Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3%
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
SWITCHING TEST CIRCUIT
SOT-23 (Top View)


Similar Part No. - J108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J108 PHILIPS-J108 Datasheet
45Kb / 7P
N-channel silicon junction FETs
1996 Jul 30
logo
Fairchild Semiconductor
J108 FAIRCHILD-J108 Datasheet
47Kb / 4P
N-Channel Switch
logo
Calogic, LLC
J108 CALOGIC-J108 Datasheet
21Kb / 1P
N-Channel JFET Switch
logo
Linear Integrated Syste...
J108 LINEAR-J108 Datasheet
300Kb / 2P
LOW NOISE SINGLE N-CHANNEL JFET SWITCH
logo
Fairchild Semiconductor
J108 FAIRCHILD-J108 Datasheet
169Kb / 7P
N-Channel Switch
More results

Similar Description - J108

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
J501 MICROSS-J501 Datasheet
531Kb / 1P
Linear Systems replaces discontinued Siliconix J501
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com