Electronic Components Datasheet Search
  English  ▼

X  

JPAD20 Datasheet(PDF) 1 Page - Micross Components

Part # JPAD20
Description  Linear Systems replaces discontinued Siliconix JPAD20
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

JPAD20 Datasheet(HTML) 1 Page - Micross Components

  JPAD20 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: baredie@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX JPAD20 
REVERSE BREAKDOWN VOLTAGE 
BVR ≥ ‐35V 
ULTRALOW LEAKAGE ≤ 20 pA 
REVERSE CAPACITANCE 
Crss ≤ 2.0pF 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Forward Current (Note 1) 
10mA 
 
 
JPAD20 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVR 
Reverse Breakdown Voltage ‐35 
‐‐ 
‐‐ 
V 
IR = ‐1µA 
VF 
Forward Voltage 
‐‐ 
0.8 
1.5 
V 
IF = 5mA 
CrSS 
Total Reverse Capacitance 
‐‐ 
1.5 
2 
pF 
VR = ‐5V, f = 1MHz 
IR 
Maximum Reverse Leakage Current 
‐‐ 
‐‐ 
‐20 
pA 
VR = ‐ 20V 
TO-92 (Bottom View)
The JPAD20 extremely low-leakage diode provides a
superior alternative to conventional diode
technology when reverse current (leakage) must be
minimized. The JPAD20 features a leakage current of
-20 pA and is well suited for use in applications such as
input protection for operational amplifiers.
JPAD20 Benefits:
Negligible Circuit Leakage Contribution
Circuit “Transparent” Except to Shunt
High-Frequency Spikes
Simplicity of Operation
JPAD20 Applications:
Op Amp Input Protection
Multiplexer Overvoltage Protection
The JPAD20 is a low leakage Pico-Amp Diode packaged in
TO-92
JPAD20
LOW LEAKAGE
PICO-AMP DIODE
Available Packages:
JPAD20 in TO-92
JPAD20 available as bare die
Please contact Micross for full package and die dimensions
Linear Systems replaces discontinued Siliconix JPAD20
Notes:
1. Absolute maximum ratings are limiting values above which JPAD20 serviceability may be impaired.
2
1
CA
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution.com
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.


Similar Part No. - JPAD20

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
JPAD20 CALOGIC-JPAD20 Datasheet
20Kb / 2P
Low Leakage Pico Amp Diodes
logo
Linear Integrated Syste...
JPAD20 LINEAR-JPAD20 Datasheet
209Kb / 2P
PICO AMPERE DIODES
logo
New Jersey Semi-Conduct...
JPAD20 NJSEMI-JPAD20 Datasheet
99Kb / 2P
PICO AMPERE DIODES
logo
Calogic, LLC
JPAD200 CALOGIC-JPAD200 Datasheet
20Kb / 2P
Low Leakage Pico Amp Diodes
logo
Linear Integrated Syste...
JPAD200 LINEAR-JPAD200 Datasheet
209Kb / 2P
PICO AMPERE DIODES
More results

Similar Description - JPAD20

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com