Electronic Components Datasheet Search
  English  ▼

X  

P010408 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010408
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010408 Datasheet(HTML) 1 Page - E-SWITCH

  P010408 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL2230EEF230
3:1
12/12/2012
P010408
A
rc
1
1
2
1
4
PCB LAYOUT
6
5
3
6
3
3
2
1
3
2
1
6
5
4
A
20929
New Release
12/17/12
rc
7.00
[.276 in]
7.00
[.276 in]
.50
[.020 in]
2.00
[.079 in]
4.00
[.157 in]
.30
[.012 in]
5.00
[.197 in]
3
CIRCUIT DIAGRAM
2
1
6
5
4
PUSH
.80
[.031 in]
5.00
[.197 in]
2.00
[.079 in]
2.00
[.079 in]
NOTES:
1. ALL DIMENSIONS IN mm [INCHES]
2. GENERAL TOLERANCE: x.x= ±0.4
x.xx=±.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 0.1A; 30V
5. CONTACT RESISTANCE: 100 mILLI-OHMS MAX.
6. TIMING: NON-SHORTING
7. TRAVEL: FULL 1.8mm, LOCK 1.0mm
8. OPERATING FORCE:230 ± 50gf
9. ELECTRICAL LIFE: 10,000 CYCLES MAKE AND BREAK
CYCLES AT FULL LOAD
10.
DENOTE CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
LOCKING RECESSED
LOCATION TO IDENTIFY
TERMINALS # 3,6
3.50
[.138 in]
1.00
[.039 in]
2.50
[.098 in]
4.00
[.157 in]
12.50
[.492 in]
2.60
[.102 in]
3.00
[.118 in]
1.60
[.063 in]
2.00
[.079 in]
ACTUATOR
COLOR
GRAY


Similar Part No. - P010408

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010400 E-SWITCH-P010400 Datasheet
29Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010401 E-SWITCH-P010401 Datasheet
28Kb / 1P
Updated PCB Layout
P010402 E-SWITCH-P010402 Datasheet
29Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010403 E-SWITCH-P010403 Datasheet
28Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010405 E-SWITCH-P010405 Datasheet
61Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010408

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com