Electronic Components Datasheet Search
  English  ▼

X  

P010902 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010902
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010902 Datasheet(HTML) 1 Page - E-SWITCH

  P010902 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL4201EEYB
4:1
2/18/2011
P010902
B
BGL
1
1
3
2
14
5
6
7
8
9
10
11
12
P.C.B. LAYOUT
1
2
3
4
5
6
7
8
9
10
11
12
CIRCUIT DIAGRAM
PUSH
36
9
12
12
11
10
13.10
[.516 in]
8.50
[.335 in]
4.00
[.157 in]
4.00
[.157 in]
3.30
[.130 in]
3.30
[.130 in]
3.00
[.118 in]
5.70
[.224 in]
8.50
[.335 in]
3.50
[.138 in]
17.70
[.697 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERMINAL NUMBERS FOR REF. ONLY
4. RATING: 0.1A @ 30VDC
5. TRAVEL: FULL = 2.5mm, LOCK = 1.5mm
6. OPERATING FORCE: 300gf
`70gf
7. ELECTRICAL LIFE: 10,000 CYCLES
8.
DENOTES CRITICAL PARAMETER
9. CONTACT MATERIAL: SILVER
10. 2002/95/EC (RoHS) COMPLIANT
11. INSULATION RESISTANCE: 100 MΩ MIN.
12. DIELECTRIC STRENGTH: 500 VAC
13. OPERATING TEMPERATURE: -30°C TO +85°C
5.00
[.197 in]
2.50
[.098 in] TYP
2.50
[.098 in]
TYP
n.80
[.031 in]
(12)
RECESSED LOCKING
LOCATION TO IDENTIFY
TERMINALS: 3,6,9,12
B
19691
DRAWING UPDATE
2/18/11
BGL
POS. 1
POS. 2
SWITCH FUNCTION
ON
ON
1-2,4-5
7-8,10-11
2-3,5-6
8-9,11-12
2.50
[.098 in]
5.00
[.197 in]
.40
[.016 in]
2.50
[.098 in]
2.50
[.098 in]
2.50
[.098 in]
.50
[.020 in]


Similar Part No. - P010902

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010900 E-SWITCH-P010900 Datasheet
42Kb / 1P
Tape and Reel, 1900 Pieces Per Reel
P010901 E-SWITCH-P010901 Datasheet
50Kb / 1P
Packaging : Tape And Reel, 1900 Pieces Per Reel
P010904 E-SWITCH-P010904 Datasheet
31Kb / 1P
Ratings : 12V DC 1.0MA
More results

Similar Description - P010902

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com