Electronic Components Datasheet Search
  English  ▼

X  

P010990 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010990
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010990 Datasheet(HTML) 1 Page - E-SWITCH

  P010990 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SECTION A-A
SCALE 4 : 1
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL2201 ACTUATOR EXTENSION
4:1
3/31/04
P010990
A
AR
1
1
AA
70.0°
TYP.
1.75
[.069 in]
.81
[.032 in]
4.00
[.158 in]
1.80
[.071 in]
.80
[.031 in]
2.29 `.05
.090 `.002 in
[]
2.80 `.05
.110 `.002 in
[]
15.24
[.600 in]
5.52
[.218 in]
3.94
[.155 in]
R.25
[.010 in]
TYP.
1.02
[.040 in]
2.84 `.05
.112 `.002 in
[]
2.84 `.05
.112 `.002 in
[]
5.33
[.210 in]
5.33
[.210 in]
R.76
[.030 in]
4 PLACES
A
13946
RELEASED FOR PRODUCTION
4/21/04
AR
1.02
[.040 in]
R.25
[.010 in]
4 PLACES
2.41 `.05
.095 `.002 in
[]
.010x45
~
CHAMFER
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. MATERIAL: ACETAL
4.
DENOTES CRITICAL PARAMETER.


Similar Part No. - P010990

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010900 E-SWITCH-P010900 Datasheet
42Kb / 1P
Tape and Reel, 1900 Pieces Per Reel
P010901 E-SWITCH-P010901 Datasheet
50Kb / 1P
Packaging : Tape And Reel, 1900 Pieces Per Reel
P010902 E-SWITCH-P010902 Datasheet
112Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010904 E-SWITCH-P010904 Datasheet
31Kb / 1P
Ratings : 12V DC 1.0MA
P010920 E-SWITCH-P010920 Datasheet
81Kb / 1P
All Dimension In MM
More results

Similar Description - P010990

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com