Electronic Components Datasheet Search
  English  ▼

X  

PBC04DFAN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PBC04DFAN
Description  100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBC04DFAN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PBC04DFAN Datasheet HTML 1Page - List of Unclassifed Manufacturers PBC04DFAN Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.sullinscorp.com
| 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
78
Sullins Headers
TERMINATION TYPE
JUMPERS
SPECIFICATIONS
3 am
•
p current rating per contact
UL Flammability Rating: 94V-O
•
Insulator: Polyester, PA9T
•
Contact Material: Copper Alloy
•
PART NUMBER:
STC02SYAN (TIN PLATE)
SPC02SYAN (GOLD FLASH)
SSC02SYAN (0.000010" GOLD PLATE)
.226[5.74]
INSERTION
DEPTH
.200
[5.08]
.100
[2.54]
DUAL BEAM CONTACTS
.100”[2.54mm] Contact Centers, Male Breakaway Header
Dip Solder/Right Angle/SMT
READOUT
SINGLE
ROW
(S)
DUAL
ROW
(D)
.100
[2.54]
.100[2.54]
.140
[3.56]
.060
[1.52]
.200
[5.08]
.100[2.54]
.240
[6.10]
.060
[1.52]
.200
[5.08]
.100
[2.54]
.060
[1.52]
.140
[3.56]
.060
[1.52]
.100[2.54]
.200
[5.08]
.100[2.54]
.100
[2.54]
RIGHT ANGLE (Narrow)
-M71 Modification Code
RIGHT ANGLE
(Standard)
SMT, -M89
Modification Code
STRAIGHT
SMT, -M30
Modification Code
.100[2.54]
.100[2.54]
.100[2.54]
.100[2.54]
SMT, -M30
Modification Code
RIGHT ANGLE (Narrow)
-M71 Modification Code
RIGHT ANGLE
(Standard)
STRAIGHT
.100[2.54]
HEAD
TAIL
HEAD
TAIL
P/N
CODE
HEAD
DIMENSION
TAIL
DIMENSION
AA
.230 [5.84]
.120 [3.05]
AB
.230 [5.84]
.230 [5.84]
AC
.230 [5.84]
.320 [8.13]
AD
.230 [5.84]
.420 [10.67]
AE
.230 [5.84]
.520 [13.21]
AF
.230 [5.84]
.620 [15.75]
AG
.230 [5.84]
.720 [18.29]
AH
.230 [5.84]
.820 [20.83]
FA
.318 [8.08]
.120 [3.05]
FB
.318 [8.08]
.220 [5.59]
FC
.318 [8.08]
.320 [8.13]
FD
.318 [8.08]
.420 [10.67]
FE
.318 [8.08]
.520 [13.21]
ZA
.120 [3.05]
.120 [3.05]
ZC
.120 [3.05]
.260 [6.60]
ZD
.120 [3.05]
.610 [15.49]
STRAIGHT TERMINATIONS
P/N
CODE
HEAD
DIMENSION
TAIL
DIMENSION
-M71 TAIL
DIMENSION
BA
.230 [5.84]
.100 [2.54]
.120 [3.05]
BB
.230 [5.84]
.200 [5.08]
.220 [5.59]
BC
.230 [5.84]
.300 [7.62]
.320 [8.13]
BD
.230 [5.84]
.400 [10.16]
.420 10.67]
BE
.230 [5.84]
.500 [12.70]
.520 [12.21]
BF**
.230 [5.84]
.600 [15.24]
BG**
.230 [5.84]
.700 [17.78]
GA
.318 [8.08]
.100 [2.54]
.120 [3.05]
GB
.318 [8.08]
.200 [5.08]
.220 [5.59]
GC**
.318 [8.08]
.300 [7.62]
GD**
.318 [8.08]
.400 [10.16]
**Consult Factory for availability in Dual Readout.
HEAD
HEAD
TAIL
TAIL
RIGHT ANGLE BEND
TERMINATIONS
P/N
CODE
HEAD
DIMENSION
SINGLE
ROW TAIL
DIMENSION
DUAL ROW
TAIL
DIMENSION
AB
.230 [5.84]
.320 [8.13]
.420 [10.67]
FB
.318 [8.08]
.300 [7.62]
.400 [10.16]
SMT TERMINATIONS,
Single or Dual Row with
-M30 Modification Code,
(‘G’ Material Only)
HEAD
TAIL
TAIL
HEAD
P/N
CODE
HEAD
DIMENSION
TAIL
DIMENSION
BS
.230 [5.84]
.180 [4.57]
GS
.318 [8.08]
.180 [4.57]
SMT TERMINATIONS,
Single Row with
-M89 Modification Code,
(‘G’ Material Only)
HEAD
TAIL


Similar Part No. - PBC04DFAN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PBC02DAAN ATMEL-PBC02DAAN Datasheet
857Kb / 38P
AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
Texas Instruments
PBC02SAAN TI1-PBC02SAAN Datasheet
3Mb / 33P
TAS5612L-TAS5614LDDVEVM
PBC02SAAN TI1-PBC02SAAN Datasheet
3Mb / 33P
TAS5622-TAS5624DDVEVM
PBC02SAAN TI1-PBC02SAAN Datasheet
1Mb / 28P
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PBC03SAAN TI1-PBC03SAAN Datasheet
3Mb / 33P
TAS5612L-TAS5614LDDVEVM
More results

Similar Description - PBC04DFAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EZC05DREH ETC1-EZC05DREH Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
logo
Molex Electronics Ltd.
0022288121 MOLEX3-0022288121 Datasheet
363Kb / 20P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount 2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount
logo
List of Unclassifed Man...
ECM43DRKN ETC2-ECM43DRKN Datasheet
108Kb / 2P
.156 [3.96mm] Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
PBC08DAAN ETC2-PBC08DAAN Datasheet
111Kb / 2P
.100 2.54mm Contact Centers, Male Breakaway Header
HMM18DRAS ETC2-HMM18DRAS Datasheet
108Kb / 2P
156 3.96mm Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
PBC08SAAN ETC2-PBC08SAAN Datasheet
111Kb / 2P
.100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
FSM22DSEF ETC2-FSM22DSEF Datasheet
474Kb / 2P
.156 3.96 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle
logo
Wurth Elektronik GmbH &...
6620XX231722 WURTH-6620XX231722 Datasheet
690Kb / 3P
3.00MM MALE DUAL ROW SMT RIGHT ANGLE HEADER SMT SOLDER TAB
logo
List of Unclassifed Man...
GRPB052VWVN-RC ETC2-GRPB052VWVN-RC Datasheet
467Kb / 2P
.050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPBXX1VWVN-RC ETC-GRPBXX1VWVN-RC Datasheet
467Kb / 2P
.050” [1.27 mm] Contact Centers, Male Headers,Straight/Right Angle/SMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com