Electronic Components Datasheet Search
  English  ▼

X  

ECQ-E2103KB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQ-E2103KB
Description  Metallized Polyester Film Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQ-E2103KB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQ-E2103KB Datasheet HTML 1Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 2Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 3Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 4Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 5Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 6Page - Panasonic Semiconductor ECQ-E2103KB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC41−
Plastic Film Capacitors
J
±5 %
K ±10 %
Metallized Polyester Film Capacitor
Type:
ECQE(B)
Non-inductive construction using metallized polyester
film with flame retardant epoxy resin coating
■Features
•Small size
•Excellent electrical characteristics
•Flame retardant epoxy resin coating
•RoHS directive compliant
■Recommended Applications
•General purpose usage
❈Please contact us when applications are CD , ignitor etc.
■Explanation of Part Numbers
1
23
456
78
9
10
11
12
E
C
Q
E
B
Products code
Dielectric &
construction
Rated voltage
Cap.Tol.
Suffix
Suffix
Capacitance
■Explanation of Part Numbers for Odd Size Taping
E
C
Q
E
R
Products code
Dielectric &
construction
Rated voltage
Suffix
Cap. Tol.
B
Suffix
Capacitance
2
250 VDC
1A 125 VAC
■Specifications
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Category temp. range
(Including temperature-rise on unit surface)
250 VDC, 125 VAC
(250 VDC : Derating of rated voltage by 1.25 %/˚C at more than 85 ˚C)
0.010 µF to 4.7 µF
±5 %(J), ±10 %(K)
tan <
=1.0 % (20 ˚C, 1 kHz)
250 VDC
Withstand voltage
Rated volt. 250 VDC
Between terminals : Rated vol. (VDC)✕150 % 60 s
Insulation resistance (IR)
C<
=0.33 µF : IR>
=9000 M
Ω (20 ˚C, 100 VDC, 60 s)
C>0.33 µF : IR>
=3000 M
Ω . µF (20 ˚C, 100 VDC, 60 s)
Rated volt. 125 VAC
Between terminals : Rated volt. (VAC)✕230 % 60 s
Between terminals to enclosure:1500 VAC 60 s
125 VAC
C<
=0.47 µF : IR>
=2000 M
Ω (20 ˚C, 500 VDC, 60 s)
C>0.47 µF : IR>
=3000 M
Ω . µF (20 ˚C, 100 VDC, 60 s)
250 VDC
125 VAC
– 40 ˚C to + 105 ˚C
– 40 ˚C to + 105 ˚C
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
❈ Voltage to be applied to ECQE1A (B) is only sine wave (50 Hz or 60 Hz).
Suffix
Blank
B
Z
2
3
6
Lead Form
Straight
Crimped lead
Cut lead
Straight taping (Ammo)
Crimped taping (Ammo)
Crimped taping (Ammo)
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
41


Similar Part No. - ECQ-E2103KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E2103KF3 PANASONIC-ECQ-E2103KF3 Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
More results

Similar Description - ECQ-E2103KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E1106KF PANASONIC-ECQ-E1106KF Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
Metallized Polyester Film Capacitor
ECQ-U2A225ML PANASONIC-ECQ-U2A225ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E6104RKF PANASONIC-ECQ-E6104RKF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6224KF PANASONIC-ECQ-E6224KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com