Electronic Components Datasheet Search
  English  ▼

X  

T302001 Datasheet(PDF) 1 Page - E-SWITCH

Part # T302001
Description  TERMINAL NUMBERS FOR REF ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T302001 Datasheet(HTML) 1 Page - E-SWITCH

  T302001 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300AWDP4J1REDVS2QE
2:1
8/10/2006
T302001
A
BO
1
1
12.70
[.500 in]
.76
[.030 in]
4.70
[.185 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5 AMPS @ 120VAC OR 28VDC
2 AMPS @ 250VAC
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
(ON)
(ON)
2-3, 5-6
OPEN
2-1, 5-4
(ON)=MOMENTARY
2
13
5
46
CIRCUIT: DPDT
A
16292
RELEASED FOR PRODUCTION
8/10/06
BO
4.32
[.170 in]
9.27
[.365 in]
7.59
[.299 in]
13.49
[.531 in]
16.87
[.664 in]
11.43
[.450 in]
15.75
[.620 in]
11.68
[.460 in]
8.13
[.320 in]
1.22
[.048 in]
3.18
[.125 in]
4.70
[.185 in]
.51
[.020 in]
EPOXY SEAL
P.C. MOUNTING
15.75
[.620 in]
3.18
[.125 in]
4.70
[.185 in]
n1.85
[.073 in]
RED COLORED ACTUATOR
RATING
4
5
6
4.83
[.190 in]


Similar Part No. - T302001

ManufacturerPart #DatasheetDescription
logo
JOKARI GmbH & Co. KG
T30200 JOKARI-T30200 Datasheet
728Kb / 14P
PRODUCT SPECIFICATION
16/05/2014
logo
Cooper Bussmann, Inc.
T30200-1C COOPER-T30200-1C Datasheet
503Kb / 4P
Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T30200-1C EATON-T30200-1C Datasheet
805Kb / 4P
Class T 300V open fuse blocks
logo
Cooper Bussmann, Inc.
T30200-3C COOPER-T30200-3C Datasheet
503Kb / 4P
Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T30200-3C EATON-T30200-3C Datasheet
805Kb / 4P
Class T 300V open fuse blocks
More results

Similar Description - T302001

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com