Electronic Components Datasheet Search
  English  ▼

X  

T302012 Datasheet(PDF) 1 Page - E-SWITCH

Part # T302012
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T302012 Datasheet(HTML) 1 Page - E-SWITCH

  T302012 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300AWDP4R16BLKM1RE
2:1
1/10/2011
T302012
A
BMA
1
1
4
5
6
63
12.40
[.488 in]
1.98
[.078 in]
8.76
[.345 in]
23.80
[.937 in]
4.70
[.185 in]
3.96
[.156 in]
2.03
[.080 in]
4.83
[.190 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA MAX @ 20V MAX. (AC OR DC)
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLAINT
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
(ON)
(ON)
2-3, 5-6
OPEN
2-1, 5-4
2
13
CIRCUIT: SPDT
A
19573
RELEASE FOR PRODUCTION
01/10/11
BMA
n2.39
[.094 in]
EPOXY SEAL
5
46
(ON) = MOMENTARY
.76
[.030 in]
12.70
[.500 in]
11.43
[.450 in]
1.50
[.059 in]
SLOT:
1.9 x 1.3
(TYP)
29.36
[1.156 in]
3.33
[.131 in]


Similar Part No. - T302012

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
T30201 UNITEDAUTOMATION-T30201 Datasheet
391Kb / 2P
Universal Burst Fire Trigger Module
1 July 2025
T30201 UNITEDAUTOMATION-T30201 Datasheet
429Kb / 3P
Up to 480V Universal Phase Angle Trigger Module
1 July 2025
T30201 UNITEDAUTOMATION-T30201 Datasheet
481Kb / 2P
Up to 440V Universal Phase Angle Controller
1 July 2025
T30201 UNITEDAUTOMATION-T30201 Datasheet
531Kb / 5P
Up to 25A, 440V Microprocessor-Based Power Controller
1 July 2025
T30201 UNITEDAUTOMATION-T30201 Datasheet
378Kb / 4P
Microprocessor-Based 10V to 440V Dual Mode Trigger Module
1 July 2025
More results

Similar Description - T302012

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com