Electronic Components Datasheet Search
  English  ▼

X  

MMBT4403L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT4403L
Description  Switching Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT4403L Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT4403L Datasheet HTML 1Page - ON Semiconductor MMBT4403L Datasheet HTML 2Page - ON Semiconductor MMBT4403L Datasheet HTML 3Page - ON Semiconductor MMBT4403L Datasheet HTML 4Page - ON Semiconductor MMBT4403L Datasheet HTML 5Page - ON Semiconductor MMBT4403L Datasheet HTML 6Page - ON Semiconductor MMBT4403L Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMBT4403L, SMMBT4403L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 3)
(IC = −1.0 mAdc, IB = 0)
V(BR)CEO
−40
−
Vdc
Collector−Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−40
−
Vdc
Emitter−Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−5.0
−
Vdc
Base Cutoff Current
(VCE = −35 Vdc, VEB = −0.4 Vdc)
IBEV
−
−0.1
mAdc
Collector Cutoff Current
(VCE = −35 Vdc, VEB = −0.4 Vdc)
ICEX
−
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −0.1 mAdc, VCE = −1.0 Vdc)
(IC = −1.0 mAdc, VCE = −1.0 Vdc)
(IC = −10 mAdc, VCE = −1.0 Vdc)
(Note 3)
(IC = −150 mAdc, VCE = −2.0 Vdc)
(Note 3)
(IC = −500 mAdc, VCE = −2.0 Vdc)
hFE
30
60
100
100
20
−
−
−
300
−
−
Collector−Emitter Saturation Voltage (Note 3)
(IC = −150 mAdc, IB = −15 mAdc)
(IC = −500 mAdc, IB = −50 mAdc)
VCE(sat)
−
−
−0.4
−0.75
Vdc
Base −Emitter Saturation Voltage (Note 3)
(IC = −150 mAdc, IB = −15 mAdc)
(IC = −500 mAdc, IB = −50 mAdc)
VBE(sat)
−0.75
−
−0.95
−1.3
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −20 mAdc, VCE = −10 Vdc, f = 100 MHz)
fT
200
−
MHz
Collector−Base Capacitance
(VCB = −10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
−
8.5
pF
Emitter−Base Capacitance
(VBE = −0.5 Vdc, IC = 0, f = 1.0 MHz)
Ceb
−
30
pF
Input Impedance
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hie
1.5
15
kW
Voltage Feedback Ratio
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hre
0.1
8.0
X 10−4
Small−Signal Current Gain
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hfe
60
500
−
Output Admittance
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hoe
1.0
100
mMhos
SWITCHING CHARACTERISTICS
Delay Time
(VCC = −30 Vdc, VEB = −2.0 Vdc,
IC = −150 mAdc, IB1 = −15 mAdc)
td
−
15
ns
Rise Time
tr
−
20
Storage Time
(VCC = −30 Vdc, IC = −150 mAdc,
IB1 = IB2 = −15 mAdc)
ts
−
225
ns
Fall Time
tf
−
30
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUIT
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+2 V
-16 V
10 to 100
ms,
DUTY CYCLE = 2%
0
1.0 k
W
-30 V
200
W
CS* < 10 pF
1.0 k
W
-30 V
200
W
CS* < 10 p
+4.0 V
< 2 ns
1.0 to 100
ms,
DUTY CYCLE = 2%
< 20 ns
+14 V
0
-16 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com