Electronic Components Datasheet Search
  English  ▼

X  

T307002 Datasheet(PDF) 1 Page - E-SWITCH

Part # T307002
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T307002 Datasheet(HTML) 1 Page - E-SWITCH

  T307002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300SP1J1BLKVS5RE
2:1
7/6/2005
T307002
C
JB
1
1
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
N/A
2-1
P.C. MOUNTING
A
15003
RELEASED FOR PRODUCTION
7/6/05
JB
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING:0.4VA @20VAC OR DC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
2
13
CIRCUI: SPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
10.21
[.402 in]
4.70
[.185 in]
6.35
[.250 in]
19.05
[.750 in]
.51
[.020 in]
9.91
[.390 in]
10.55
[.415 in]
16.00
[.630 in]
4.70
[.185 in]
1.27
[.050 in]
6.35
[.250 in]
19.05
[.750 in]
n1.85
[.073 in]
9.27
[.365 in]
3.65
[.144 in]
9.14
[.360 in]
1.27
[.050 in]
4.70
[.185 in]
.76
[.030 in]
16.34
[.643 in]
EPOXY SEAL
B
15215
CHANGES NOTED
8/29/05
PH
C
15739
REMOVE UL,CUL, VDE APPROVAL
2/7/06
PH


Similar Part No. - T307002

ManufacturerPart #DatasheetDescription
logo
JOKARI GmbH & Co. KG
T30700 JOKARI-T30700 Datasheet
728Kb / 14P
PRODUCT SPECIFICATION
16/05/2014
logo
E-SWITCH
T307001 E-SWITCH-T307001 Datasheet
146Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T307003 E-SWITCH-T307003 Datasheet
97Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T307004 E-SWITCH-T307004 Datasheet
68Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T307005 E-SWITCH-T307005 Datasheet
61Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T307002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com