Electronic Components Datasheet Search
  English  ▼

X  

PMEG6010EP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG6010EP
Description  1 A low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG6010EP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG6010EP Datasheet HTML 5Page - NXP Semiconductors PMEG6010EP Datasheet HTML 6Page - NXP Semiconductors PMEG6010EP Datasheet HTML 7Page - NXP Semiconductors PMEG6010EP Datasheet HTML 8Page - NXP Semiconductors PMEG6010EP Datasheet HTML 9Page - NXP Semiconductors PMEG6010EP Datasheet HTML 10Page - NXP Semiconductors PMEG6010EP Datasheet HTML 11Page - NXP Semiconductors PMEG6010EP Datasheet HTML 12Page - NXP Semiconductors PMEG6010EP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PMEG6010EP_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 17 March 2010
9 of 14
NXP Semiconductors
PMEG6010EP
1 A low VF MEGA Schottky barrier rectifier
8.
Test information
The current ratings for the typical waveforms as shown in Figure 9, 10, 11 and 12 are
calculated according to the equations:
with IM defined as peak current,
at DC, and
with IRMS defined as RMS current.
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
Fig 13. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2
I
FAV
()
I
M
δ
×
=
I
RMS
I
FAV
()
=
I
RMS
I
M
δ
×
=
Fig 14. Package outline SOD128
07-09-12
Dimensions in mm
1.1
0.9
0.22
0.10
0.6
0.3
5.0
4.4
4.0
3.6
1.9
1.6
2.7
2.3
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com