Electronic Components Datasheet Search
  English  ▼

X  

PP-019 Datasheet(PDF) 1 Page - CUI INC

Part # PP-019
Description  DC POWER PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PP-019 Datasheet(HTML) 1 Page - CUI INC

  PP-019 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
4.0 0.157
(1.1
)
0.043
A
9.0 0.354
0.2
0.315
8.0
0.039
1.0
34.0 1.339
E
T
A
D
N
O
IT
P
I
R
C
S
E
D
.
V
E
R
7
0
0
2
/
9
2
/
3
G
N
I
W
A
R
D
W
E
N
A
X.X ±0.2mm
Brass
Black Color
Nickel
Brass
X.XXX ±0.05mm
A
MATERIAL
COVER
PIN
BARREL
TERMINALS
TIP INSULATOR
PLATING
Brass
OPERATING TEMP: 0° ~ +40°C
TOLERANCE:
X.XX ±0.1mm
PVC
Nickel
Nickel
POM
SPECIFICATIONS:
RATING: 16V DC @ 4A
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
LIFE: 5,000 CYCLES
Black Color
MM [INCHES]
PP-019
DC POWER PLUG
COPYRIGHT 2007 BY CUI INC.
TITLE:
ZRJ
SCALE:
PP-019
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
2:1
PART NO.
REV:
1.1 0.043
+0.1
-0.0
DETAIL A
SCALE 8 : 1
C0.3
0.1
2.8
R
0.110
0.05
0.1
0.118
0.043
0.004
0.1
0.1
0.028
0.30
0.020
0.7
0.5
1.1
3.0
2.86 0.113


Similar Part No. - PP-019

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PP-019 CUID-PP-019 Datasheet
278Kb / 3P
DC POWER PLUG
08/05/2022
More results

Similar Description - PP-019

ManufacturerPart #DatasheetDescription
logo
CUI INC
PPM-2-3511-B CUI-PPM-2-3511-B Datasheet
179Kb / 2P
DC POWER PLUG
PPM-2-35135-BG CUI-PPM-2-35135-BG Datasheet
178Kb / 2P
DC POWER PLUG
PPM-2-35135-SG CUI-PPM-2-35135-SG Datasheet
196Kb / 2P
DC POWER PLUG
PPM-3-3511-SG CUI-PPM-3-3511-SG Datasheet
195Kb / 2P
DC POWER PLUG
PP3-038D CUI-PP3-038D Datasheet
277Kb / 3P
DC POWER PLUG
PPM-2-5525 CUI-PPM-2-5525 Datasheet
287Kb / 3P
DC POWER PLUG
PPM-2-35135-SG-WT CUI-PPM-2-35135-SG-WT Datasheet
272Kb / 3P
DC POWER PLUG
PPM-2-47517-SG CUI-PPM-2-47517-SG Datasheet
289Kb / 3P
DC POWER PLUG
PP3-012 CUI-PP3-012 Datasheet
269Kb / 3P
DC POWER PLUG
PP3-0620 CUI-PP3-0620 Datasheet
279Kb / 3P
DC POWER PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com