Electronic Components Datasheet Search
  English  ▼

X  

PSAC0000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PSAC0000
Description  MODEL PSAC - 3-WIRE INDUCTIVE PROXIMITY SENSOR WITH CURRENT SINK OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSAC0000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PSAC0000 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSAC0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The PSAC contains a sensing coil, oscillator, and Schmidt trigger pulse-
shaper with an NPN Open Collector output that is compatible with most Red
Lion Controls’ Motion Monitors, Counters, and Controls. This sensor has a
maximum sensing distance of 0.059" (1.5 mm) and can detect ferrous and non-
ferrous metal targets from zero speed to 5 KHz.
The 0.25" diameter pole piece is epoxy encapsulated in a stainless steel case
measuring 0.75" Dia. x 3.5" L and is supplied with a 10, 25 or 50 ft., 3-wire,
shielded cable. Overall dimensions, including the neoprene strain-relief boot
are 0.90" Dia. x 4.5" L. The NPN O.C. output has internal current limiting at 40
mA. Operating temperature range is -18° to +60°C.
SPECIFICATIONS
1. SUPPLY VOLTAGE: +12 VDC @ 20 mA max.; Reverse Polarity Protected.
2. MAXIMUM SWITCHING FREQUENCY: 5 KHz
3. OUTPUT: NPN Open Collector Transistor;
VOH = 30 VDC max.; VOL = 1 V max @ 40 mA.
Output current is limited to 40 mA.
4. MAXIMUM SENSING DISTANCE: 0.059" (1.5 mm)
5. OUTPUT CABLE: Integrally potted 10, 25, or 50 ft. PVC jacketed 3-wire
22 AWG conductors with stranded shield and 100% foil shield coverage.
RED = +VDC, BLK = Common, WHT = NPN O.C. Output
6. OPERATING TEMPERATURE RANGE: -18°C to +60°C (0°F to
+140°F)
7. CONSTRUCTION: Epoxy Encapsulated 0.25" dia. sensor in 0.750"
±0.005" dia. #304 stainless steel case.
Figure 1
3/4" DIAMETER CYLINDRICAL SENSOR MOUNTING
The PSAC and other Red Lion
Controls
3/4"
dia.
cylindrical
pickups may be easily mounted
using Model 5400100 BLOCK
MOUNT (see diagram at right).
This machined block of solid
aluminum
provides
for
rigid
mounting using the 2 included #8-
32 x 1/2" screws. The one screw
split-clamp design allows for easy
adjustment of airgap and locks the
unit securely without deforming
the case. Alternative plug mounts
available. See Model LMP for
details.
O
SENSE FERROUS AND NON-FERROUS METAL OBJECTS
O
OPERATES FROM ZERO TO 5 KHZ PULSE OUTPUT RATE
O
SENSES TARGETS AS SMALL AS 12 D.P. GEAR TEETH
O
IDEAL FOR TACHOMETER, COUNTER AND CONTROL INPUT
PSAC APPLICATION
PSAC application depends on the size, material, and spacing of the targets
being sensed and the sensing distance that can be maintained. The maximum
sensing distance is defined as that distance where the sensor is just close enough
to detect a ferrous target whose diameter is equal to or greater than the sensor
diameter. For the PSAC, the internally potted sensor diameter is 0.25". In an
actual application the sensing distance should be between 50-70% of the
maximum to assure reliable detection. For target sizes smaller than the 0.25"
sensor diameter, the maximum sensing distance can be estimated from the
curve in Fig. 2. A further reduction factor must also be applied if the target
material is a non-ferrous metal as shown in Fig. 3.
Ideally, spacing between adjacent targets should be at least 0.25" so that the
first target completely leaves the sensors’ viewing field before the next target
appears. Individual targets can still be resolved as separate objects if this
spacing is reduced to 70 or 75% of the sensor diameter, however this can
introduce a minimum limit on sensing distance that makes adjustment a bit
more critical
The PSAC is internally shielded which allows the sensor face to be flush
mounted in metal applications without reducing sensing distance.
MODEL PSAC - 3-WIRE INDUCTIVE PROXIMITY SENSOR WITH CURRENT SINK OUTPUT
DIMENSIONS [In inches (mm)]
PSAC
BLOCK MOUNT
For 3/4" cylindrical sensors
Qty. 2 #8-32 x 1/2" Mounting screws included
P/N 5400100
Reduction in the max. sensing distance
due to decrease in diameter of ferrous
targets.
Figure 2
Typical reduction factors for various
nonferrous targets with diameters equal to
or greater than sensor diameter.
Figure 3
MAXIMUM SENSING DISTANCE REDUCTION FACTORS
ORDERING INFORMATION
Bulletin No. PROX-E
Drawing No. LP0019
Released 9/03
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion-controls.com
MODEL NO.
DESCRIPTION
PART NUMBER
PSAC
PSAC0050
PSAC0025
PSAC0000
Block Mount
5400100
NPN O.C. Proximity Sensor, 50 ft. Cable
NPN O.C. Proximity Sensor, 25 ft. Cable
NPN O.C. Proximity Sensor, 10 ft. Cable


Similar Part No. - PSAC0000

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC05A-050L6 PHIHONG-PSAC05A-050L6 Datasheet
3Mb / 3P
5W Low Cost Linear Eliminator PSAC05 Adapters Meets Level VI Requirements
PSAC05A-050L6B PHIHONG-PSAC05A-050L6B Datasheet
3Mb / 3P
5W Low Cost Linear Eliminator PSAC05 Adapters Meets Level VI Requirements
PSAC05A-050L6M PHIHONG-PSAC05A-050L6M Datasheet
3Mb / 3P
5W Low Cost Linear Eliminator PSAC05 Adapters Meets Level VI Requirements
PSAC05R-050 PHIHONG-PSAC05R-050 Datasheet
138Kb / 3P
5W Interchangeable Plug Series
PSAC05R-050L6 PHIHONG-PSAC05R-050L6 Datasheet
191Kb / 3P
5 Watt Interchangeable Plug Series PSAC05R Adapter
More results

Similar Description - PSAC0000

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
Inductive Proximity Sensor IC
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
Inductive Proximity Sensor
logo
Panasonic Semiconductor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
Cylindrical Inductive Proximity Sensor
logo
Omron Electronics LLC
E2EZ-X4D1-R OMRON-E2EZ-X4D1-R Datasheet
840Kb / 9P
Chip-immune Inductive Proximity Sensor
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
Inductive proximity sensor
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
Inductive proximity sensor
logo
Omron Electronics LLC
E2S OMRON-E2S Datasheet
545Kb / 8P
Miniature Square Inductive Proximity Sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
Compact Inductive Proximity Sensor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
Compact Inductive Proximity Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com