Electronic Components Datasheet Search
  English  ▼

X  

RBC08C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RBC08C
Description  Absorbing impact and noise
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC08C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RBC08C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 9Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 10Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 11Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 12Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 13Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Operating Environment
Mounting
Mounting
Model
M10 x 1.0
3.14
ø9.1
+0.1
0
O.D. thread (mm)
Tightening torque
(N · m)
Thread prepared bore
(mm)
RB(C)1006
RB(C)1007
M8 x 1.0
1.67
ø7.1
+0.1
0
RB(C)0805
RB(C)0806
M27 x 1.5
62.8
ø25.7
+0.1
0
RB(C)2725
M20 x 1.5
23.5
ø18.7
+0.1
0
RB(C)2015
M14 x 1.5
10.8
ø12.7
+0.1
0
RB(C)1411
RB(C)1412
Model
O.D. thread (mm)
Tightening torque
(N · m)
Thread prepared bore
(mm)
M6 x 0.75
0.85
ø5.3
+0.1
0
RB0604
Model
S
(Stroke)
4
5
6
6
7
11
12
15
25
76
96
115
115
134
210
229
287
478
3
°
θ2
(Allowable rotating angle)
R
(Min. installation radius)
RB0604
RB
„„0805
RB
„„0806
RB
„„1006
RB
„„1007
RB
„„1411
RB
„„1412
RB
„„2015
RB
„„2725
Installation Conditions for Rotating Impact
(mm)
Series
RB
Specific Product Precautions 2
Be sure to read before handling.
Refer to front matters 42 and 43 for Safety Instructions.
1682
Load on mounting plate N
≅ 2
E (Absorbed energy : J)
S (Stroke : m)
Caution
5. Vibration
When vibrations are applied on impact objects, implement a secure
guide on impact objects.
Warning
1. Before performing installation, removal, or stroke adjustment,
make sure to cut the power supply to the equipment and verify
that the equipment has stopped.
2. Installation of protective cover
We recommend the protective cover should be installed in the case
workers might be getting close during the operation.
3. The rigidity of the mounting frame
The mounting frame must have sufficient rigidity.
Load on mounting plate can be calculated as follows.
Depending on the impact conditions, a load applied to the mounting
frame may exceed the calculated value.
When setting the rigidity of the mounting frame, the sufficient safety
ration must be taken into account in the calculated value.
Caution
1. Tightening torque of mounting nut should be as follows.
When threading on a mounting frame in order to mount a shock
absorber directly, prepared hole dimensions are referred to the table
below.
For tightening torque of a nut for shock absorber, kindly abide by the
table below.
If the tightening torque that is applied to the nut exceeds the value
given below, the shock absorber itself could become damaged.
Caution
2. Deviation of impact
The installation must be designed so that the impact body is
perpendicular to the shock absorber's axial center. An angle of
deviation that exceeds 3
° will place an excessive load on the bearings,
leading to oil leaks within a short period of operation.
3. Rotating angle
If rotating impacts are involved, the installation must be designed so
that the direction in which the load is applied is perpendicular to the
shock absorber’s axial center. The allowable rotating angle until the
stroke end must be
θ2 < 3°.
4. Do not scratch the sliding portion of the piston rod or the outside
threads of the outer tube.
Failure to observe this precaution could scratch or gouge the sliding
potion of the piston rod, or damage the seals, which could lead to oil
leakage and malfunction. Furthermore, damage to outside threaded
portion of the outer tube could prevent the shock absorber from being
mounted onto the frame, or its internal components could deform,
leading to a malfunction.
5. Never turn the screw on the bottom of the body.
This is not an adjusting screw. Turning it could result in oil leakage.
Load
Allowable eccentric angle
θ1 < 3°
Allowable rotating eccentric angle
θ2 < 3°
Piston rod
Bottom set screw (Do not rotate)
Damage is not allowed.
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1682



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com