Electronic Components Datasheet Search
  English  ▼

X  

RBC14C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RBC14C
Description  Absorbing impact and noise
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC14C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RBC14C Datasheet HTML 1Page - List of Unclassifed Manufacturers RBC14C Datasheet HTML 2Page - List of Unclassifed Manufacturers RBC14C Datasheet HTML 3Page - List of Unclassifed Manufacturers RBC14C Datasheet HTML 4Page - List of Unclassifed Manufacturers RBC14C Datasheet HTML 5Page - List of Unclassifed Manufacturers RBC14C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC14C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC14C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC14C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2.
Operating
conditions
3.
Specifications
and operational
instructions
4.
Calculation
of kinetic
energy E1
5.
Calculation
of thrust
energy E2
6.
Calculation of
corresponding
mass of
impacting
object Me
7.
Selection
of RB0604
2.
Operating
conditions
3.
Specifications
and operational
instructions
4.
Calculation
of kinetic
energy E1
5.
Calculation
of thrust
energy E2
6.
Calculation of
corresponding
mass of
impacting
object Me
7.
Selection of
applicable
model
b Confirmation of specifications
YES
b Kinetic energy E1
E1
≅ 0.125
b Thrust energy E2
E2
≅ 0.157
b Corresponding mass
of impacting object Me
b Selection of RB0604
YES
Me
≅ 2.3
1.
Type
of impact
Collision speed (1)
υ
Kinetic energy
E1
Thrust energy
E2
Absorbed energy
E
Corresponding (2)
mass of
impacting object
Me
Cylinder stroke at load (Horizontal)
υ
F1·S
E1 + E2
b Confirmation of specifications
YES
b Kinetic energy E1
E1
≅ 2.3 J
b Thrust energy E2
E2
≅ 9.4 J
b Corresponding mass
of impacting object Me
b Selection of applicable
model
YES
Select RB2015
Me
≅ 260 kg
Model Selection
m = 1 kg
υ = 0.5 m/s
d = 10 mm
p = 0.5 MPa
n = 30 cycle/min
t = 25
°C
m = 50 kg
υ = 0.3 m/s
d = 40 mm
p = 0.5 MPa
n = 20 cycle/min
t = 25
°C
—·m·
υ2
1
2
—·E
2
υ2
1674
Shock Absorber
Technical Data:
Series
RB
RB0604 satisfies
Me = 2.3 < 3 kg
(Max. corresponding mass of im-
pacting object). Ultimately, it will
result in an operating frequency
of 30 < 80, without causing a
problem.
Use
the
Formula
“Absorbed
energy
E = E1 + E2 = 0.282” to
calculate
Me. Substitute 0.282 for
E and 0.5 for
υ.
Model Selection Step
Selection Example
1. Type of impact
2. Enumeration of operating conditions
3. Specifications and operational instructions
4. Calculation of kinetic energy E1
5. Calculation of thrust energy E2
6. Calculation of corresponding mass of impacting object Me
Cylinder stroke at load (Horizontal)
Cylinder stroke at load (Downward)
Cylinder stroke at load (Upward)
Conveyor stroke at load (Horizontal)
Free horizontal impact
Free dropping impact
Rotating impact (With torque)
Symbol
m
υ
h
ω
R
d
p
F
T
n
t
μ
Operating condition
Impacting object mass
Collision speed
Dropping height
Angle speed
Distance between axis of
cylinder and impact point
Bore size
Cylinder operating pressure
Thrust
Torque
Operation cycle
Ambient temperature
Friction coefficient
Unit
kg
m / sec
m
rad/sec
m
mm
MPa
N
N · m
cycle / min
°C
—
Ensure that the collision speed, thrust,
operation cycle, the ambient temperature
and atmosphere fall within the specifications.
∗ Be aware of the min. installation radius in
the case of rotating impacts.
Using the equation suitable for the classifica-
tion of impact.
Select any shock absorber as a provisional
model.
Absorbed energy E = E1 + E2
Corresponding mass of impacting object
Me = —·E
2
υ2
υ ··· 0.3 < 5 (max.)
t ··· –10 (min.) < 25 < 80 (max.)
F ··· F1 ···628 < 1961 (max.)
υ ··· 0.5 < 1.0 (max.)
t ··· –10 (min.) < 25 < 80 (max.)
F ··· F1 ··· 39.3 <
Use
Formula to calculate E1.
Substitute 50 for
m and 0.3 for
υ.
Use
Formula to calculate E1.
Substitute 1.0 for
m and 0.5 for
υ.
Use the formula “Absorbed energy
E = E1 + E2 = 2.3 + 9.4 = 11.7 J”
to calculate
Me. Substitute 11.7 J
for
E and 0.3 for
υ.
According to Data D , the tentative-
ly selected RB2015 satisfies
Me
= 260 kg < 400 kg at
υ = 0.3. Ulti-
mately, it will result in an operat-
ing frequency of
n···20 < 25, with-
out causing a problem.
Substitute both absorbed energy
E and collision
speed
υ for Data A in order to calculate the cor-
responding mass of the impacting object
Me.
Provisionally
select
a
model
RB2015 and make the use of
Data B
. According to
d = 40, E2
is obtained.
Provisionally
select
a
model
RB0604 and make the use of
Data B at left
. According to
d =
10,
E2 is obtained.
In the case of thrust energy of cylinder
E1,
substitute respective figures for Data B or Data C .
Cylinder
Load
Shock absorber
In the case of cylinder stroke at load and free horizontal impact,
substitute respective figures for Data A in order to calculate
E1.
7. Selection of applicable model
In order for the shock absorbers to operate
accurately for long hours, it is necessary to
select a model that is well-suited to your
operating conditions. If the impact energy is
smaller than 5% of the maximum energy
absorption, select a model that is one class
smaller.
Caution on Selection
Taking into consideration the corresponding
mass of the impacting object
Me, calculated
using Data D and collision speed
υ, check
provisional model compatibility with the
condition of application. If this is satisfactory,
then the said provisional model will be the
applicable one.
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com