Electronic Components Datasheet Search
  English  ▼

X  

RBC27C Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RBC27C
Description  Absorbing impact and noise
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC27C Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RBC27C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC27C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC27C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC27C Datasheet HTML 9Page - List of Unclassifed Manufacturers RBC27C Datasheet HTML 10Page - List of Unclassifed Manufacturers RBC27C Datasheet HTML 11Page - List of Unclassifed Manufacturers RBC27C Datasheet HTML 12Page - List of Unclassifed Manufacturers RBC27C Datasheet HTML 13Page - List of Unclassifed Manufacturers RBC27C Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RBL1006
RBL1007
RBLC1006
RBLC1007
Model
Basic type
With cap
With cap ∗
Basic type dimensions
4
4
h
Hexagon nut
16.2
16.2
C
14
14
B
10
10
Z
57.5
58.5
LL
67.5
68.5
LL
8.7
8.7
E3
51.5
51.5
S
43.8
43.8
L
1.4
1.4
a
6
7
H
2.7
2.7
F
8.6
8.6
E2
8.8
8.8
E1
3
3
D
M10 x 1.0
M10 x 1.0
MM
RBL1411
RBL1412
RBL2015
RBL2725
RBLC1411
RBLC1412
RBLC2015
RBLC2725
Model
Basic type
With cap
With cap
∗
Basic type dimensions
6
6
6
6
h
Hexagon nut
21.9
21.9
31.2
41.6
C
19
19
27
36
B
13.5
13.5
17
23
Z
83.1
84.1
88.2
129.5
LL
96.6
97.6
105.2
152.5
LL
12
12
18
25
E3
72.1
72.1
73.2
104.5
S
63.6
63.6
62.2
91.5
L
12
12
18
25
K
11
12
15
25
H
3.5
3.5
4
5
F
12
12
18
25
E2
12.2
12.2
18.2
25.2
E1
5
5
6
8
D
M14 x 1.5
M14 x 1.5
M20 x 1.5
M27 x 1.5
MM
RB10J
RB14J
RB20J
RB27J
Dimensions
Part no.
16.2
21.9
31.2
41.6
C
14
19
27
36
B
4
6
6
6
h
M10 x 1.0
M14 x 1.5
M20 x 1.5
M27 x 1.5
MM
RB10S
RB14S
RB20S
RB27S
Dimensions
Part no.
Basic type
RBC10S
RBC14S
RBC20S
RBC27S
With cap
15
20
25
33
f
11
15
23
32
d
23
31
40
51
h2
8
11
16
22
h1
16.2
21.9
31.2
41.6
C
14
19
27
36
B
M10 x 1.0
M14 x 1.5
M20 x 1.5
M27 x 1.5
MM
RBC10C
RBC14C
RBC20C
RBC27C
Dimensions
Part no.
7.5
10
20
25
SR
8.7
12
18
25
B
9
12.5
16
21
A
Note) L, LL and S dimensions are different from those of RB(C) (except RBL(C)2015).
Note) L, LL and S dimensions of RBL(C)1007/1006 are different from those of RB(C)1007/1006.
Basic type: RBL1006, RBL1007
With cap: RBLC1006, RBLC1007
∗ Other dimensions are the same as the basic type.
∗ Other dimensions are the same as the basic type.
For cap type
Cap
With cap: RBLC1411·RBLC1412
RBLC2015·RBLC2725
Basic type: RBL1411·RBL1412·RBL2015·RBL2725
Dimensions
1685
For basic type
Material: Polyurethane
Option
Stopper nut
Replacement Parts
Cap
Cap bracket
Cap
Cap bracket
Hexagon Nut
(2 pcs. standard equipment)
These are the replace-
ment part for the cap
type. Not available for
the basic type.
∗
)
(
Shock Absorber: Coolant Resistant Type
Series
RBL
RB
Individual
-X
„
D-
„
-X
„
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1685



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com