Electronic Components Datasheet Search
  English  ▼

X  

MST-1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MST-1
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MST-1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MST-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
19
SP-CT8/T
8” 70/25V Ceiling Tile Speaker
• 8” Polypropylene woofer with rubber surround
• 3/4” Mylar dome tweeter
• Frequency response: 50Hz-20kHz
• 30 Watts RMS/ 60 Watts Max
• Sensitivity: 90 +/- 3 dB
• 8 ohms
www.specotech.com • 1-800-645-5516
70/25V
Ceiling Tile Speaker
Speco Technologies’ new ceiling tile speaker is the perfect solution for
commercial sound applications that require speed of installation,
aesthetics and superior sound performance.
With the SP-CT8/T, installation is quick and easy requiring only the
connecting of speaker wire to the unit’s pushbutton terminals.
Countless time and money is saved by the efficient installation-friendly
design of this speaker. We’ve eliminated the labor-intensive task of
cutting mounting holes in ceiling tiles usually required for standard
speaker installation.
The speaker’s smooth vent facade design blends seamlessly with any
commercial drop-ceiling environment and provides an ample gateway
for wide sound dispersion. The visual design is matched by the high
performance of the SP-CT8/T’s flat frequency curve and wide
response range.
Made of durable components and furnished complete with a support
crossbar rail, the SP-8CT/T will provide years of superior sound
performance.
70/25VMiniEnclosedIndoor/OutdoorSpeakers
• 70/25 Volt selector switch
• Transformer Settings 20, 10, 5, 2.5, 1.25 and 8 ohms
• 23 3/4” W x 23 3/4” H x 6” D
• 7.1 lbs.
• 2’ Drop-ceiling crossbar rail included
Speco Technologies’ SP-35X indoor and outdoor speakers are the perfect
solution for where sound quality is demanded but space is limited.
The SP-35X’s compact and stylish design adds to the décor of any environment,
while their weatherproof design allows rich music to fill your environment
indoors or out.
Whether using these speakers in a surround sound theater or an outdoor
application, the SP-35X speakers will provide enjoyment for years to come.
• 3.5” Mica Woofer
with Rubber Surround
• .5” PEI Dome Tweeter
• Frequency Response: 90Hz-20kHz
• 30 Watts RMS/75 Watts Max
SP-35X/T Black
SP-35X/T-W White
• 70 Volt Transformer
• Transformer Settings:
10W/ 5W/ 2.5W & 8 ohms
• Impedance: 8 ohms
• 5”W x 7.5”H x 6.5”D
• 3 lbs. each • Sold in Pairs
SP-CT8/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com