Electronic Components Datasheet Search
  English  ▼

X  

DFK-705S Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # DFK-705S
Description  6-WAY POWER DIVIDER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DFK-705S Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  DFK-705S Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DFK-705S Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DFK-705S Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1 - 500 MHz
WIDE BANDWIDTH
6-WAY POWER DIVIDER
CONNECTORIZED MODEL: DFK-705S
[ 2 of 3 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
DATA @ 25ºC
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
1
51
101
151
201
251
301
351
401
451
501
Frequency (MHz)
In - 2
In - 3
In - 4
In-5
In-6
-60
-50
-40
-30
-20
-10
0
1
51
101
151
201
251
301
351
401
451
501
Frequency (MHz)
1-2
2-3
3-4
4-5
5-6
2-4
4-6
3-6
1-6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com