Electronic Components Datasheet Search
  English  ▼

X  

3209 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3209
Description  MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3209 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3209 Datasheet HTML 1Page - Allegro MicroSystems 3209 Datasheet HTML 2Page - Allegro MicroSystems 3209 Datasheet HTML 3Page - Allegro MicroSystems 3209 Datasheet HTML 4Page - Allegro MicroSystems 3209 Datasheet HTML 5Page - Allegro MicroSystems 3209 Datasheet HTML 6Page - Allegro MicroSystems 3209 Datasheet HTML 7Page - Allegro MicroSystems 3209 Datasheet HTML 8Page - Allegro MicroSystems 3209 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DIS
CO
NTI
NU
ED
PR
ODUC
T
— F
or
ref
eren
ce
onl
y
Us
e A
3212
or A
3213
for
new
design
.
The A3209Ex and A3210Ex integrated circuits are ultra-sensitive, pole
independent Hall-effect switches with a latched digital output. They are
especially suited for operation in battery-operated, hand-held equipment such as
cellular and cordless telephones, pagers, and palmtop computers. 2.5 volt to
3.5 volt operation and a unique clocking scheme to reduce the average operat-
ing power requirements – the A3209Ex to 400 µW, the A3210Ex to 25 µW!
Except for operating duty cycle and average operating current, the A3209Ex
and A3210Ex are identical.
Unlike other Hall-effect switches, either a north or south pole of sufficient
strength will turn the output on; in the absence of a magnetic field, the output is
off. The polarity independence and minimal power requirement allows these
devices to easily replace reed switches for superior reliability and ease of
manufacturing, while eliminating the requirement for signal conditioning.
Improved stability is made possible through chopper stabilization (dynamic
offset cancellation), which reduces the residual offset voltage normally caused
by device overmolding, temperature dependencies, and thermal stress.
These devices include on a single silicon chip a Hall-voltage generator,
small-signal amplifier, chopper stabilization, a latch, and a MOSFET output.
Advanced BiCMOS processing is used to take advantage of low-voltage and
low-power requirements, component matching, very low input-offset errors,
and small component geometries.
The A3209Ex and A3210Ex are rated for operation over a temperature
range of -40°C to +85°C. Two package styles provide a magnetically opti-
mized package for most applications. Suffix ‘LH’ is a miniature low-profile
surface-mount package while suffix ‘UA’ is a three-lead ultra-mini-SIP for
through-hole or surface mounting.
FEATURES
■
Micropower Operation
■
Operate With North or South Pole
■
2.5 V to 3.5 V Battery Operation
■
Chopper Stabilized
Superior Temperature Stability
Extremely Low Switch-Point Drift
Insensitive to Physical Stress
■
ESD Protected to 5 kV
■
Solid-State Reliability
■
Small Size
■
Easily Manufacturable With Magnet Pole Independence
Always order by complete part number: the prefix ‘A’ + the basic four-digit
part number + the suffix ‘E’ to indicate operating temperature range + a
suffix to indicate package style, e.g.,
A3210ELH .
Package Suffix ‘LH’ Pinning
(SOT23W)
3209 AND
3210
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Supply Voltage, VDD ............................. 5 V
Magnetic Flux Density, B .......... Unlimited
Output Off Voltage, VOUT ..................... 5 V
Output Current, IOUT .......................... 1 mA
Junction Temperature, TJ ............... +170°C
Operating Temperature Range,
TA ............................... -40°C to +85°C
Storage Temperature Range,
TS .............................. -65°C to +170°C
Caution: These CMOS devices have input
static protection (Class 3) but are still
susceptible to damage if exposed to
extremely high static electrical charges.
Pinning is shown viewed from branded side.
MICROPOWER, ULTRA-SENSITIVE
HALL-EFFECT SWITCHES
Dwg. PH-016-1
V
DD
1
2
3


Similar Part No. - 3209

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
logo
KR Electronics, Inc.
3209 KR-3209 Datasheet
126Kb / 3P
375 MHz Bandpass
logo
List of Unclassifed Man...
3209 ETC2-3209 Datasheet
68Kb / 1P
WASHERS
logo
Sensata Technologies, I...
3209 SENSATA-3209 Datasheet
176Kb / 3P
ROTARY MOTION | PRECISION SENSOR
logo
Keystone Electronics Co...
3209 KEYSTONE-3209 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 3209

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
logo
Diodes Incorporated
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
logo
Allegro MicroSystems
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
Micropower Ultra-Sensitive Hall-Effect Switches
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
Micropower Ultra-Sensitive Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com