Electronic Components Datasheet Search
  English  ▼

X  

IXCP01N90E Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXCP01N90E
Description  Gate Controlled Current Limiter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXCP01N90E Datasheet(HTML) 3 Page - IXYS Corporation

  IXCP01N90E Datasheet HTML 1Page - IXYS Corporation IXCP01N90E Datasheet HTML 2Page - IXYS Corporation IXCP01N90E Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Temperature -
oC
-50
-25
0
25
50
75
100
125
80
100
120
140
160
180
V
GS
= 12V
11V
10V
9V
Figure 1, Output Characteristics at 25ºC
Figure 4. Drain Current vs, Temperature for a
constant gate-source voltage.
Figure 2. Drain Current vs.Gate Voltage
Figure 3. Dynamic Output Resistance R
O vs. Drain
Current.
0
20
40
60
80
100 120 140 160
0K
100K
200K
300K
400K
500K
I
D - Milliamperes
T
J = 25
oC
Figure 5. Allowable Power Dissipation for
various heat sinking conditions. Note that
the junction temperature can be derated
by increasing the ambient temperature a
like amount.
V
GS -Volts
6
8
10
12
14
1
10
100
Ambient Temperature -
oC
25
50
75
100
125
150
0
2
4
6
8
10
12
15
20
30
40
50
60
80
100
R(th)JA : 10 K/W
V
DS - Volts
0
1020304050
0
50
100
150
200
250
14V
13V
12V
11V
10V
9V
8V
6V
5V
V
GS = 15V
7V
IXCP 01N90E
IXCY 01N90E
V
DS = 20V
V
DS = 20V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com