Electronic Components Datasheet Search
  English  ▼

X  

4N2X Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 4N2X
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4N2X Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 4N2X Datasheet HTML 9Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 10Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 11Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 12Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 13Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 14Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 15Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 16Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
4N2X 4N3X H11AX series
6-PIN PHOTOTRANSISTOR
OPTOCOUPLER
Product: 4N2X 4N3X H11AX series
Date: February 1, 2011
Page 13 of 17
Version# 1.1
4N28
4N28
None
Standard tube package
60pcs / Tube
4N28V
None
With VDE marking
60pcs / Tube
4N28W
W
Wide lead bend (0.4 inch
spacing)
60pcs / Tube
4N28WV
W
Wide lead bend (0.4 inch
spacing) + VDE marking
60pcs / Tube
4N28STA
S
SMD lead form with tape
and reel option
1000pcs / reel
4N28STAV
S
SMD lead form with tape
and reel option + VDE
marking
1000pcs / reel
4N35
4N35
None
Standard tube package
60pcs / Tube
4N35V
None
With VDE marking
60pcs / Tube
4N35W
W
Wide lead bend (0.4 inch
spacing)
60pcs / Tube
4N35WV
W
Wide lead bend (0.4 inch
spacing) + VDE marking
60pcs / Tube
4N35STA
S
SMD lead form with tape
and reel option
1000pcs / reel
4N35STAV
S
SMD lead form with tape
and reel option + VDE
marking
1000pcs / reel
4N36
4N36
None
Standard tube package
60pcs / Tube
4N36V
None
With VDE marking
60pcs / Tube
4N36W
W
Wide lead bend (0.4 inch
spacing)
60pcs / Tube
4N36WV
W
Wide lead bend (0.4 inch
spacing) + VDE marking
60pcs / Tube
4N36STA
S
SMD lead form with tape
and reel option
1000pcs / reel
4N36STAV
S
SMD lead form with tape
and reel option + VDE
marking
1000pcs / reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com