Electronic Components Datasheet Search
  English  ▼

X  

GMC07R75 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GMC07R75
Description   5x7 Dot Matrix
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMC07R75 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GMC07R75 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMC07R75 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMC07R75 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMC07R75 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMC07R75 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMC07R75 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMC07R75 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GMZ07XX75_series
0.7” 5x7 Dot Matrix
Product: GMZ07XX75 Series
Date: 07/13/2011
Page 2 of 7
Version# 1.1
Electrical / Optical Characteristic (T=25 oC)
Product
Material
Color
IF(mA)
VF(V)
λ(nm)
IV(mcd)
CC
CA
Typ.
λD
λP
typ.
GMC07IB75 GMA07IB75
InGaN
Blue
20
3.0
460
470
160
GMC07IG75 GMA07IG75
InGaN
Green
20
3.0
460
470
200
GMC07R75
GMA07R75
AllnGaP
Red
20
2.0
624
632
60
GMC07Y75
GMA07Y75
AllnGaP
Yellow
20
2.0
589
591
35
GMC07AG75 GMA07AG75
AllnGaP
Yellow Green
20
2.0
573
575
25
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
InGaN ( IB/IG )
120
30
100
5
-40 - 85
-40 - 100
260
AlInGaP ( R/Y/AG )
70
30
90
5
-40 - 85
-40 - 100
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com