Electronic Components Datasheet Search
  English  ▼

X  

GMA07R75 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GMA07R75
Description   5x7 Dot Matrix
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMA07R75 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  GMA07R75 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA07R75 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA07R75 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA07R75 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA07R75 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA07R75 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA07R75 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GMZ07XX75_series
0.7” 5x7 Dot Matrix
Product: GMZ07XX75 Series
Date: 07/13/2011
Page 6 of 7
Version# 1.1
Solder Profile:
Ordering Information:
Product
Spec Range
Quantity per tube
CC
CA
GMC07IB75
GMA07IB75
Iv=160mcd typ. @ IF=20mA
TBD
GMC07IG75
GMA07IG75
Iv=200mcd typ. @ IF=20mA
TBD
GMC07R75
GMA07R75
Iv=60mcd typ. @ IF=20mA
TBD
GMC07Y75
GMA07Y75
Iv=35mcd typ. @ IF=20mA
TBD
GMC07AG75 GMA07AG75 Iv=25mcd typ. @ IF=20mA
TBD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com