Electronic Components Datasheet Search
  English  ▼

X  

74HCT573PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT573PW
Description  Octal D-type transparent latch 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT573PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT573PW Datasheet HTML 5Page - NXP Semiconductors 74HCT573PW Datasheet HTML 6Page - NXP Semiconductors 74HCT573PW Datasheet HTML 7Page - NXP Semiconductors 74HCT573PW Datasheet HTML 8Page - NXP Semiconductors 74HCT573PW Datasheet HTML 9Page - NXP Semiconductors 74HCT573PW Datasheet HTML 10Page - NXP Semiconductors 74HCT573PW Datasheet HTML 11Page - NXP Semiconductors 74HCT573PW Datasheet HTML 12Page - NXP Semiconductors 74HCT573PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74HC_HCT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 15 August 2012
9 of 21
NXP Semiconductors
74HC573; 74HCT573
Octal D-type transparent latch; 3-state
[1]
tpd is the same as tPLH and tPHL.
[2]
ten is the same as tPZH and tPZL.
[3]
tdis is the same as tPLZ and tPHZ.
[4]
tt is the same as tTHL and tTLH.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
For type 74HCT573
tpd
propagation
delay
Dn to Qn; see Figure 7
[1]
VCC = 4.5 V
-
20
35
-
44
-
53
ns
VCC =5V; CL =15pF
-
17
-
-
-
-
-
ns
tpd
propagation
delay
LE to Qn; see Figure 8
[1]
VCC = 4.5 V
-
18
35
-
44
-
53
ns
VCC =5V; CL =15pF
-
15
-
-
-
-
-
ns
ten
enable time
OE to Qn; see Figure 9
[2]
VCC = 4.5 V
-
17
30
-
38
-
45
ns
tdis
disable time
OE to Qn; see Figure 9
[3]
VCC = 4.5 V
-
18
30
-
38
-
45
ns
tt
transition
time
Qn; see Figure 7
[4]
VCC = 4.5 V
-
5
12
-
15
-
18
ns
tW
pulse width
LE HIGH; see Figure 8
VCC = 4.5 V
16
5
-
20
-
24
-
ns
tsu
set-up time
Dn to LE; see Figure 10
VCC = 4.5 V
13
7
-
16
-
20
-
ns
th
hold time
Dn to LE; see Figure 10
VCC = 4.5 V
9
4
-
11
-
15
-
ns
CPD
power
dissipation
capacitance
CL =50pF;f= 1 MHz;
VI =GND to VCC
[5]
-26
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 11.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com